Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 142 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 142 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 138Page - Renesas Technology Corp 7702 Datasheet HTML 139Page - Renesas Technology Corp 7702 Datasheet HTML 140Page - Renesas Technology Corp 7702 Datasheet HTML 141Page - Renesas Technology Corp 7702 Datasheet HTML 142Page - Renesas Technology Corp 7702 Datasheet HTML 143Page - Renesas Technology Corp 7702 Datasheet HTML 144Page - Renesas Technology Corp 7702 Datasheet HTML 145Page - Renesas Technology Corp 7702 Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 217 page
background image
TIMER B
7702/7703 Group User’s Manual
6–6
6.2.4 Timer Bi interrupt control register
Figure 6.2.4 shows the structure of the timer Bi interrupt control register. For details about interrupts, refer
to “Chapter 4. INTERRUPTS.”
6.2 Block description
b7
b6
b5
b4
b3
b2
b1
b0
Bit
7 to 4
Interrupt request bit
2
1
0
Bit name
At reset
0
RW
Functions
0 0 0 : Level 0 (Interrupt disabled)
0 0 1 : Level 1
Low level
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
High level
b2 b1 b0
0 : No interrupt request
1 : Interrupt request
Interrupt priority level select bits
3
RW
RW
RW
RW
–
Undefined
0
0
0
Nothing is assigned.
Note: Use the SEB or CLB instruction to set each interrupt control register.
Timer Bi interrupt control registers (i = 0 to 2) (Addresses 7A16 to 7C16)
Fig. 6.2.4 Structure of timer Bi interrupt control register
(1) Interrupt priority level select bits (bits 2 to 0)
These bits select a timer Bi interrupt’s priority level. When using timer Bi interrupts, select priority
levels 1 to 7. When the timer Bi interrupt request occurs, its priority level is compared with the
processor interrupt priority level (IPL), so that the requested interrupt is enabled only when its priority
level is higher than the IPL. (However, this applies when the interrupt disable bit (I) = “0.”) To disable
timer Bi interrupts, set these bits to “0002” (level 0).
(2) Interrupt request bit (bit 3)
This bit is set to “1” when the timer Bi interrupt request occurs. This bit is automatically cleared to
“0” when the timer Bi interrupt request is accepted. This bit can be set to “1” or cleared to “0” by
software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com