Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 68 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 68 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 64Page - Maxim Integrated Products DS26521 Datasheet HTML 65Page - Maxim Integrated Products DS26521 Datasheet HTML 66Page - Maxim Integrated Products DS26521 Datasheet HTML 67Page - Maxim Integrated Products DS26521 Datasheet HTML 68Page - Maxim Integrated Products DS26521 Datasheet HTML 69Page - Maxim Integrated Products DS26521 Datasheet HTML 70Page - Maxim Integrated Products DS26521 Datasheet HTML 71Page - Maxim Integrated Products DS26521 Datasheet HTML 72Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
68 of 258
Figure 8-17. Basic Balanced Network Connections
Dallas
Single Chip Transceiver
or
Line Interface Unit
DVDD
DVSS
TVSS
TVDD
RVSS
RVDD
0.01 uF
0.1 uF
68 uF
0.1 uF
0.1 uF
3.3 V
3.3 V
TTIP
TRING
RTIP
RRING
S1
S2
S3
S4
S5
S6
S7
S8
T1
T2
T3
T4
2:1
1:1
F1
F2
F3
F4
TX
TIP
TX
RING
RX
TIP
RX
RING
560 pF
60
60
0.1 uF
NAME
DESCRIPTION
PART
MANUFACTURER
NOTES
1.25A Slow Blow Fuse
SMP 1.25
Bel Fuse
5
F1 to F4
1.25A Slow Blow Fuse
F1250T
Teccor Electronics
5
S1, S2
25V (max) Transient Suppressor
P0080SA MC
Teccor Electronics
1, 5
S3, S4, S5, S6
180V (max) Transient Suppressor
P1800SC MC
Teccor Electronics
1, 4, 5
S7, S8
40V (max) Transient Suppressor
P0300SC MC
Teccor Electronics
1, 5
T1 and T2
Transformer 1:1CT and 1:136CT (5.0V, SMT)
T1136
Pulse Engineering
2, 3, 5
T1 and T2
Transformer 1:1CT and 1:2CT (3.3V, SMT)
PE-68678
Pulse Engineering
2, 3, 5
T3 and T4
Dual Common-Mode Choke (SMT)
PE-65857
Pulse Engineering
5
Note 1:
Changing S7 and S8 to P1800SC devices provides symmetrical voltage suppresion between tip, ring, and ground.
Note 2:
The layout from the transformers to the network interface is critical. Traces should be at least 25 mils wide and separated
from other circuit lines by at least 150 mils. The area under this portion of the circuit should not contain power planes.
Note 3:
Some T1 (never in E1) applications source or sink power from the network-side center taps of the Rx/Tx transformers.
Note 4:
The ground trace connected to the S2/S3 pair and the S4/S5 pair should be at least 50 mils wide to conduct the extra current
from a longitudinal power-cross event.
Note 5:
Alternative component recommendations and line interface circuits can be found by contacting
telecom.support@dalsemi.com or in Application Note 324, which is available at www.maxim-ic.com/AN324.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com