Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 99 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 99 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 95Page - Maxim Integrated Products DS26521 Datasheet HTML 96Page - Maxim Integrated Products DS26521 Datasheet HTML 97Page - Maxim Integrated Products DS26521 Datasheet HTML 98Page - Maxim Integrated Products DS26521 Datasheet HTML 99Page - Maxim Integrated Products DS26521 Datasheet HTML 100Page - Maxim Integrated Products DS26521 Datasheet HTML 101Page - Maxim Integrated Products DS26521 Datasheet HTML 102Page - Maxim Integrated Products DS26521 Datasheet HTML 103Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
99 of 258
ADDR
NAME
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
18Ah
TXPC
—
—
—
—
—
TBPDIR
TBPFUS
TBPEN
18Bh
TBPBS
BPBSE8
BPBSE7
BPBSE6
BPBSE5
BPBSE4
BPBSE3
BPBSE2
BPBSE1
—
—
—
—
—
TSEN
SYNCE
RESYNC
18Eh
TSYNCC
—
—
—
—
CRC4
TSEN
SYNCE
RESYNC
TESF
TESEM
TSLIP
TSLC96
TPDV
TMF
LOTCC
LOTC
190h
TLS1
TESF
TESEM
TSLIP
—
TAF
TMF
LOTCC
LOTC
—
—
—
TFDLE
TUDR
TMEND
TLWMS
TNFS
191h
TLS2
—
—
—
—
TUDR
TMEND
TLWMS
TNFS
192h
TLS3
—
—
—
—
—
—
LOF
LOFD
19Fh
TIIR
—
—
—
—
—
TLS3
TLS2
TLS1
TESF
TESEM
TSLIP
TSLC96
TPDV
TMF
LOTCC
LOTC
1A0h
TIM1
TESF
TESEM
TSLIP
—
TAF
TMF
LOTCC
LOTC
—
—
—
TFDLE
TUDR
TMEND
TLWMS
TNFS
1A1h
TIM2
—
—
—
—
TUDR
TMEND
TLWMS
TNFS
1A2h
TIM3
—
—
—
—
—
—
—
LOFD
C7
C6
C5
C4
C3
C2
C1
C0
1ACh
T1TCD1
—
—
—
—
—
—
—
—
C7
C6
C5
C4
C3
C2
C1
C0
ADh
T1TCD2
—
—
—
—
—
—
—
—
1B1h
TRTS2
—
—
—
—
TEMPTY
TFULL
TLWM
TNF
1B3h
TFBA
——
TFBA6
TFBA5
TFBA4
TFBA3
TFBA2
TFBA1
TFBA0
1B4h
THF
THD7
THD6
THD5
THD4
THD3
THD2
THD1
THD0
1BBh
TDS0M
B1
B2
B3
B4
B5
B6
B7
B8
1C0h
TBCS1
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
1C1h
TBCS2
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
1C2h
TBCS3
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
—
—
—
—
—
—
—
—
1C3h
TBCS4
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
1C4h
TCBR1
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
1C5h
TCBR2
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
1C6h
TCBR3
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
—
—
—
—
—
—
—
—
1C7h
TCBR4
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25:Fbit
1C8h
THSCS1
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
1C9h
THSCS2
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
1CAh
THSCS3
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
—
—
—
—
—
—
—
—
1CBh
THSCS4
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
1CCh
TGCCS1
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
1CDh
TGCCS2
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
1CEh
TGCCS3
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
—
—
—
—
—
—
—
—
1CFh
TGCCS4
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25(F-bit)
1D0h
PCL1
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
1D1h
PCL2
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
1D2h
PCL3
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
—
—
—
—
—
—
—
—
1D3h
PCL4
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com