Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 93 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 93 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 89Page - Maxim Integrated Products DS26521 Datasheet HTML 90Page - Maxim Integrated Products DS26521 Datasheet HTML 91Page - Maxim Integrated Products DS26521 Datasheet HTML 92Page - Maxim Integrated Products DS26521 Datasheet HTML 93Page - Maxim Integrated Products DS26521 Datasheet HTML 94Page - Maxim Integrated Products DS26521 Datasheet HTML 95Page - Maxim Integrated Products DS26521 Datasheet HTML 96Page - Maxim Integrated Products DS26521 Datasheet HTML 97Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
93 of 258
ADDR
NAME
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
—
—
—
—
—
—
—
—
03Bh
RIDR28
C7
C6
C5
C4
C3
C2
C1
C0
T1RDMWE1
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
03Ch
RIDR29
C7
C6
C5
C4
C3
C2
C1
C0
T1RDMWE2
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
03Dh
RIDR30
C7
C6
C5
C4
C3
C2
C1
C0
T1RDMWE3
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
03Eh
RIDR31
C7
C6
C5
C4
C3
C2
C1
C0
03Fh
RIDR32
C7
C6
C5
C4
C3
C2
C1
C0
CH1-A
CH1-B
CH1-C
CH1-D
CH13-A
CH13-B
CH13-C
CH13-D
040h
RS1
0
0
0
0
X
Y
X
X
CH2-A
CH2-B
CH2-C
CH2-D
CH14-A
CH14-B
CH14-C
CH14-D
041h
RS2
CH1-A
CH1-B
CH1-C
CH1-D
CH16-A
CH16-B
CH16-C
CH16-D
CH3-A
CH3-B
CH3-C
CH3-D
CH15-A
CH15-B
CH15-C
CH15-D
042h
RS3
CH2-A
CH2-B
CH2-C
CH2-D
CH17-A
CH17-B
CH17-C
CH17-D
CH4-A
CH4-B
CH4-C
CH4-D
CH16-A
CH16-B
CH16-C
CH16-D
043h
RS4
CH3-A
CH3-B
CH3-C
CH3-D
CH18-A
CH18-B
CH18-C
CH18-D
CH5-A
CH5-B
CH5-C
CH5-D
CH17-A
CH17-B
CH17-C
CH17-D
044h
RS5
CH4-A
CH4-B
CH4-C
CH4-D
CH19-A
CH19-B
CH19-C
CH19-D
CH6-A
CH6-B
CH6-C
CH6-D
CH18-A
CH18-B
CH18-C
CH18-D
045h
RS6
CH5-A
CH5-B
CH5-C
CH5-D
CH20-A
CH20-B
CH20-C
CH20-D
CH7-A
CH7-B
CH7-C
CH7-D
CH19-A
CH19-B
CH19-C
CH19-D
046h
RS7
CH6-A
CH6-B
CH6-C
CH6-D
CH21-A
CH21-B
CH21-C
CH21-D
CH8-A
CH8-B
CH8-C
CH8-D
CH20-A
CH20-B
CH20-C
CH20-D
047h
RS8
CH7-A
CH7-B
CH7-C
CH7-D
CH22-A
CH22-B
CH22-C
CH22-D
CH9-A
CH9-B
CH9-C
CH9-D
CH21-A
CH21-B
CH21-C
CH21-D
048h
RS9
CH8-A
CH8-B
CH8-C
CH8-D
CH23-A
CH23-B
CH23-C
CH23-D
CH10-A
CH10-B
CH10-C
CH10-D
CH22-A
CH22-B
CH22-C
CH22-D
049h
RS10
CH9-A
CH9-B
CH9-C
CH9-D
CH24-A
CH24-B
CH24-C
CH24-D
CH11-A
CH11-B
CH11-C
CH11-D
CH23-A
CH23-B
CH23-C
CH23-D
04Ah
RS11
CH10-A
CH10-B
CH10-C
CH10-D
CH25-A
CH25-B
CH25-C
CH25-D
CH12-A
CH12-B
CH12-C
CH12-D
CH24-A
CH24-B
CH24-C
CH24-D
04Bh
RS12
CH11-A
CH11-B
CH11-C
CH11-D
CH26-A
CH26-B
CH26-C
CH26-D
—
—
—
—
—
—
—
—
04Ch
RS13
CH12-A
CH12-B
CH12-C
CH12-D
CH27-A
CH27-B
CH27-C
CH27-D
—
—
—
—
—
—
—
—
04Dh
RS14
CH13-A
CH13-B
CH13-C
CH13-D
CH28-A
CH28-B
CH28-C
CH28-D
—
—
—
—
—
—
—
—
04Eh
RS15
CH14-A
CH14-B
CH14-C
CH14-D
CH29-A
CH29-B
CH29-C
CH29-D
—
—
—
—
—
—
—
—
04Fh
RS16
CH15-A
CH15-B
CH15-C
CH15-D
CH30-A
CH30-B
CH30-C
CH30-D
050h
LCVCR1
LCVC15
LCVC14
LCVC13
LCVC12
LCVC11
LCVC10
LCVC9
LCCV8
051h
LCVCR2
LCVC7
LCVC6
LCVC5
LCVC4
LCVC3
LCVC2
LCVC1
LCVC0
052h
PCVCR1
PCVC15
PCVC14
PCVC13
PCVC12
PCVC11
PCVC10
PCVC9
PCVC8
053h
PCVCR2
PCVC7
PCVC6
PCVC5
PCVC4
PCVC3
PCVC2
PCVC1
PCVC0
054h
FOSCR1
FOS15
FOS14
FOS13
FOS12
FOS11
FOS10
FOS9
FOS8
055h
FOSCR2
FOS7
FOS6
FOS5
FOS4
FOS3
FOS2
FOS1
FOS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com