Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 86 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 86 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 82Page - Maxim Integrated Products DS26521 Datasheet HTML 83Page - Maxim Integrated Products DS26521 Datasheet HTML 84Page - Maxim Integrated Products DS26521 Datasheet HTML 85Page - Maxim Integrated Products DS26521 Datasheet HTML 86Page - Maxim Integrated Products DS26521 Datasheet HTML 87Page - Maxim Integrated Products DS26521 Datasheet HTML 88Page - Maxim Integrated Products DS26521 Datasheet HTML 89Page - Maxim Integrated Products DS26521 Datasheet HTML 90Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
86 of 258
FRAMER REGISTER LIST
ADDRESS
NAME
DESCRIPTION
R/W
0C1h
RBCS2
Receive Blank Channel Select Register 2
R/W
0C2h
RBCS3
Receive Blank Channel Select Register 3
R/W
0C3h
RBCS4
Receive Blank Channel Select Register 4 (E1 Mode Only)
R/W
0C4h
RCBR1
Receive Channel Blocking Register 1
R/W
0C5h
RCBR2
Receive Channel Blocking Register 2
R/W
0C6h
RCBR3
Receive Channel Blocking Register 3
R/W
0C7h
RCBR4
Receive Channel Blocking Register 4 (E1 Mode Only)
R/W
0C8h
RSI1
Receive-Signaling Reinsertion Enable Register 1
R/W
0C9h
RSI2
Receive-Signaling Reinsertion Enable Register 2
R/W
0CAh
RSI3
Receive-Signaling Reinsertion Enable Register 3
R/W
0CBh
RSI4
Receive-Signaling Reinsertion Enable Register 4 (E1 Mode Only)
R/W
0CCh
RGCCS1
Receive Gapped Clock Channel Select Register 1
R/W
0CDh
RGCCS2
Receive Gapped Clock Channel Select Register 2
R/W
0CEh
RGCCS3
Receive Gapped Clock Channel Select Register 3
R/W
0CFh
RGCCS4
Receive Gapped Clock Channel Select Register (E1 Mode Only)
R/W
0D0h
RCICE1
Receive Channel Idle Code Enable Register 1
R/W
0D1h
RCICE2
Receive Channel Idle Code Enable Register 2
R/W
0D2h
RCICE3
Receive Channel Idle Code Enable Register 3
R/W
0D3h
RCICE4
Receive Channel Idle Code Enable Register 4 (E1 Mode Only)
R/W
0D4h
RBPCS1
Receive BERT Port Channel Select Register 1
R/W
0D5h
RBPCS2
Receive BERT Port Channel Select Register 2
R/W
0D6h
RBPCS3
Receive BERT Port Channel Select Register 3
R/W
0D7h
RBPCS4
Receive BERT Port Channel Select Register (E1 Mode Only)
R/W
0D8h–0EFh
—
Reserved
—
0F0h–0FFh
Global
Registers
(Section 9.3)
See the Global Register list in Table 9-2. Note that this space is
“Reserved” in Framers 2 to 8.
R/W
100h–10Fh
—
Reserved
—
110h
THC1
Transmit HDLC Control Register 1
R/W
111h
THBSE
Transmit HDLC Bit Suppress Register
R/W
112h
—
Reserved
—
113h
THC2
Transmit HDLC Control Register 2
R/W
114h
E1TSACR
E1 Transmit Sa-Bit Control Register (E1 Mode)
R/W
115h–117h
—
Reserved
—
118h
SSIE1
Software-Signaling Insertion Enable Register 1
R/W
119h
SSIE2
Software-Signaling Insertion Enable Register 2
R/W
11Ah
SSIE3
Software-Signaling Insertion Enable Register 3
R/W
11Bh
SSIE4
Software-Signaling Insertion Enable Register 4 (E1 Mode Only)
R/W
11Ch–11Fh
—
Reserved
—
120h
TIDR1
Transmit Idle Code Definition Register 1
R/W
121h
TIDR2
Transmit Idle Code Definition Register 2
R/W
122h
TIDR3
Transmit Idle Code Definition Register 3
R/W
123h
TIDR4
Transmit Idle Code Definition Register 4
R/W
124h
TIDR5
Transmit Idle Code Definition Register 5
R/W
125h
TIDR6
Transmit Idle Code Definition Register 6
R/W
126h
TIDR7
Transmit Idle Code Definition Register 7
R/W
127h
TIDR8
Transmit Idle Code Definition Register 8
R/W
128h
TIDR9
Transmit Idle Code Definition Register 9
R/W
129h
TIDR10
Transmit Idle Code Definition Register 10
R/W
12Ah
TIDR11
Transmit Idle Code Definition Register 11
R/W
12Bh
TIDR12
Transmit Idle Code Definition Register 12
R/W
12Ch
TIDR13
Transmit Idle Code Definition Register 13
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com