Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 98 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 98 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 94Page - Maxim Integrated Products DS26521 Datasheet HTML 95Page - Maxim Integrated Products DS26521 Datasheet HTML 96Page - Maxim Integrated Products DS26521 Datasheet HTML 97Page - Maxim Integrated Products DS26521 Datasheet HTML 98Page - Maxim Integrated Products DS26521 Datasheet HTML 99Page - Maxim Integrated Products DS26521 Datasheet HTML 100Page - Maxim Integrated Products DS26521 Datasheet HTML 101Page - Maxim Integrated Products DS26521 Datasheet HTML 102Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
98 of 258
ADDR
NAME
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
—
—
—
—
—
—
—
—
14Eh
TS15
CH14-A
CH14-B
CH14-C
CH14-D
CH29-A
CH29-B
CH29-C
CH29-D
—
—
—
—
—
—
—
—
14Fh
TS16
CH15-A
CH15-B
CH15-C
CH15-D
CH30-A
CH30-B
CH30-C
CH30-D
150h
TCICE1
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
151h
TCICE2
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
152h
TCICE3
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
—
—
—
—
—
—
—
—
153h
TCICE4
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
TFDL7
TFDL6
TFDL5
TFDL4
TFDL3
TFDL2
TFDL1
TFDL0
162h
T1TFDL
—
—
—
—
—
—
—
—
—
—
TBOC5
TBOC4
TBOC3
TBOC2
TBOC1
TBOC0
163h
T1TBOC
—
—
—
—
—
—
—
—
T1TSLC1
C8
C7
C6
C5
C4
C3
C2
C1
164h
E1TAF
Si
0
0
1
1
0
1
1
T1TSLC2
M2
M1
S=0
S=1
S=0
C11
C10
C9
165h
E1TNAF
Si
1
A
Sa4
Sa5
Sa6
Sa7
Sa8
T1TSLC3
S=1
S4
S3
S2
S1
A2
A1
M3
166h
E1TSiAF
TSiF14
TSiF12
TSiF10
TSiF8
TSiF6
TSiF4
TSiF2
TSiF0
—
—
—
—
—
—
—
—
167h
E1TSiNAF
TsiF15
TSiF13
TSiF11
TSiF9
TSiF7
TSiF5
TSiF3
TSiF1
—
—
—
—
—
—
—
—
168h
E1TRA
TRAF15
TRAF13
TRAF11
TRAF9
TRAF7
TRAF5
TRAF3
TRAF1
—
—
—
—
—
—
—
—
169h
E1TSa4
TSa4F15
TSa4F13
TSa4F11
TSa4F9
TSa4F7
TSa4F5
TSa4F3
TSa4F1
—
—
—
—
—
—
—
—
16Ah
E1TSa5
TSa5F15
TSa5F13
TSa5F11
TSa5F9
TSa5F7
TSa5F5
TSa5F3
TSa5F1
—
—
—
—
—
—
—
—
16Bh
E1TSa6
TSa6F15
TSa6F13
TSa6F11
TSa6F9
TSa6F7
TSa6F5
TSa6F3
TSa6F1
—
—
—
—
—
—
—
—
16Ch
E1TSa7
TSa7F15
TSa7F13
TSa7F11
TSa7F9
TSa7F7
TSa7F5
TSa7F3
TSa7F1
—
—
—
—
—
—
—
—
16Dh
E1TSa8
TSa8F15
TSa8F13
TSa8F11
TSa8F9
TSa8F7
TSa8F5
TSa8F3
TSa8F1
180h
TMMR
FRM_EN
INIT_DONE
—
—
—
—
SFTRST
T1/E1
TCR1 (T1)
TJC
TFPT
TCPT
TSSE
GB7S
TB8ZS
TAIS
TRAI
181h
TCR1 (E1)
TTPT
T16S
TG802
TSiS
TSA1
THDB3
TAIS
TCRC4
TCR2 (T1)
TFDLS
TSLC96
—
FBCT2
FBCT1
TD4RM
PDE
TB7ZS
182h
TCR2 (E1)
AEBE
AAIS
ARA
Sa4S
Sa5S
Sa6S
Sa7S
Sa8S
ODF
ODM
TCSS1
TCSS0
MFRS
TFM
IBPV
TLOOP
183h
TCR3
ODF
ODM
TCSS1
TCSS0
MFRS
—
IBPV
CRC4R
TCLKINV
TSYNCINV
TSSYNCINV
TSCLKM
TSSM
TSIO
TSDW
TSM
184h
TIOCR
TCLKINV
TSYNCINV
TSSYNCINV
TSCLKM
TSSM
TSIO
—
TSM
185h
TESCR
TDATFMT
TGCLKEN
——
TSZS
TESALGN
TESR
TESMDM
TESE
—
—
—
—
TRAIM
TAISM
TC1
TC0
186h
TCR4
—
—
—
—
—
—
—
—
187h
THFC
—
—
—
—
—
—
TFLWM1
TFLWM2
188h
TIBOC
—
IBS1
IBS0
IBOSEL
IBOEN
DA2
DA1
DA0
189h
TDS0SEL
—
—
—
TCM4
TCM3
TCM2
TCM1
TCM0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com