Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 55 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 55 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 51Page - Maxim Integrated Products DS26521 Datasheet HTML 52Page - Maxim Integrated Products DS26521 Datasheet HTML 53Page - Maxim Integrated Products DS26521 Datasheet HTML 54Page - Maxim Integrated Products DS26521 Datasheet HTML 55Page - Maxim Integrated Products DS26521 Datasheet HTML 56Page - Maxim Integrated Products DS26521 Datasheet HTML 57Page - Maxim Integrated Products DS26521 Datasheet HTML 58Page - Maxim Integrated Products DS26521 Datasheet HTML 59Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
55 of 258
RAI-CI is a repetitive pattern within the ESF data link with a period of 1.08 seconds. It consists of sequentially
interleaving 0.99 seconds of “00000000 11111111” (right-to-left ) with 90ms of “00111110 11111111.” The RRAI-CI
bit is set when a bit-oriented code of “00111110 11111111” is detected while RRAI (RRTS1.3) is set. The RRAI-CI
detector uses the receive BOC filter bits (RBF0 and RBF1) located in RBOCC to determine the integration time for
RAI-CI detection. Like RAIS-CI, the RRAI-CI bit is latched and should be cleared by the host when read.
RRAI-CI continues to set approximately every 1.1 seconds that the condition is present. The host needs to poll the
bit in conjunction with the normal RAI indicators to determine when the condition has cleared. It may be useful to
enable the 200ms ESF RAI integration time with the RAIIE control bit (T1RCR2.1) in networks that use RAI-CI.
8.9.8.2 T1 Receive-Side Digital Milliwatt Code Generation
Receive-side digital milliwatt code generation involves using the T1 Receive Digital Milliwatt registers
(T1RDMWE1:T1RDMWE3) to determine which of the 24 T1 channels of the T1 line going to the backplane should
be overwritten with a digital milliwatt pattern. The digital milliwatt code is an 8-byte repeating pattern that represents
a 1kHz sine wave (1E/0B/0B/1E/9E/8B/8B/9E). Each bit in the T1RDMWE1, T1RDMWE2, and T1RDMWE3
registers represents a particular channel. If a bit is set to 1, the receive data in that channel is replaced with the
digital milliwatt code. If a bit is set to 0, no replacement occurs.
8.9.9
Error-Count Registers
The DS26521 contains four counters that are used to accumulate line coding errors, path errors, and
synchronization errors. Counter update options include one-second boundaries, 42ms (T1 mode only), 62.5ms (E1
mode only), or manually. See the Error-Counter Configuration register (ERCNT). When updated automatically, the
user can use the interrupt from the timer to determine when to read these registers. All four counters saturate at
their respective maximum counts and they will not roll over. (Note: Only the Line Code Violation Count register has
the potential to overflow, but the bit error would have to exceed 10E-2 before this would occur.)
All DS26521 error/performance counters can be configured to update on the one-second source, or a separate
manual update signal input. See the Error-Counter Configuration register ERCNT register for more information. By
allowing multiple framer cores to synchronously latch their counters, the host software can be streamlined to read
and process performance information from multiple spans in a more controlled manner.
8.9.9.1 Line Code Violation Count Register (LCVCR)
Either bipolar violations or code violations can be counted. Bipolar violations are defined as consecutive marks of
the same polarity. In T1 mode, if the B8ZS mode is set for the receive side, then B8ZS codewords are not counted
as BPVs. In E1 mode, if the HDB3 mode is set for the receive side, then HDB3 codewords are not counted as
BPVs. If ERCNT.0 is set, then the LCVCR counts code violations as defined in ITU-T O.161. Code violations are
defined as consecutive bipolar violations of the same polarity. In most applications, the framer should be
programmed to count BPVs when receiving AMI code and to count CVs when receiving B8ZS or HDB3 code. This
counter increments at all times and is not disabled by loss of sync conditions. The counter saturates at 65,535 and
will not rollover. The bit-error rate on an E1 line would have to be greater than 10E-2 before the PCVCR would
saturate. See Table 8-20 and Table 8-21 for details of exactly what the LCVCRs count.
Table 8-20. T1 Line Code Violation Counting Options
COUNT EXCESSIVE
ZEROS?
(ERCNT.0)
B8ZS ENABLED?
(RCR1.6)
WHAT IS COUNTED IN
LCVCR1, LCVCR2
No
No
BPVs
Yes
No
BPVs + 16 consecutive zeros
No
Yes
BPVs (B8ZS/HDB3 codewords not counted)
Yes
Yes
BPVs + 8 consecutive zeros



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com