Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 15Page - Maxim Integrated Products DS26521 Datasheet HTML 16Page - Maxim Integrated Products DS26521 Datasheet HTML 17Page - Maxim Integrated Products DS26521 Datasheet HTML 18Page - Maxim Integrated Products DS26521 Datasheet HTML 19Page - Maxim Integrated Products DS26521 Datasheet HTML 20Page - Maxim Integrated Products DS26521 Datasheet HTML 21Page - Maxim Integrated Products DS26521 Datasheet HTML 22Page - Maxim Integrated Products DS26521 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
19 of 258
7.
PIN DESCRIPTIONS
7.1
Pin Functional Description
Table 7-1. Detailed Pin Descriptions
NAME
PIN
TYPE
FUNCTION
ANALOG TRANSMIT
TTIP
6
Analog
Output,
High
Impedance
Transmit Bipolar Tip.
This pin is a differential line driver tip output. This pin can
be high impedance if:
If TXENABLE is low, the TTIP/TRING will be high impedance. Note that if
TXENABLE is low, the register settings for control of the TTIP/TRING are ignored
and output is high impedance.
The differential outputs of TTIP and TRING can provide internal matched
impedance for E1 75
Ω , E1 120Ω, T1 100Ω, or J1 110Ω. The user has the option
of turning off internal termination.
TRING
7
Analog
Output,
High
Impedance
Transmit Bipolar Ring.
This pin is a differential line driver ring output. This pin
can be high impedance if:
If TXENABLE is low, the TTIP/TRING will be high impedance. Note that if
TXENABLE is low, the register settings for control of the TTIP/TRING are ignored
and output is high impedance.
The differential outputs of TTIPn and TRINGn can provide internal matched
impedance for E1 75
Ω, E1 120Ω, T1 100Ω, or J1 110Ω. The user has the option of
turning off internal termination.
TXENABLE
13
I
Transmit Enable.
If this pin is pulled low, all transmitter outputs (TTIP and TRING)
are high impedance. The register settings for tri-state control of TTIP/TRING are
ignored if TXENABLE is low. If TXENABLE is high, the particular driver can be tri-
stated by the register settings.
ANALOG RECEIVE
RTIP
10
Analog
Input
Receive Bipolar Tip.
The differential inputs of RTIP and RRING can provide
internal matched impedance for E1 75
Ω, E1 120Ω, T1 100Ω, or J1 110Ω. The user
has the option of turning off internal termination via the LIU Receive Impedance
and Sensitivity Monitor register (LRISMR).
RRING
11
Analog
Input
Receive Bipolar Ring.
The differential inputs of RTIP and RRING can provide
internal matched impedance for E1 75
Ω, E1 120Ω, T1 100Ω, or J1 110Ω. The user
has the option of turning off internal termination via the LIU Receive Impedance
and Sensitivity Monitor register (LRISMR).
TRANSMIT FRAMER
TSER
64
I
Transmit NRZ Serial Data.
This pin is sampled on the falling edge of TCLK when
the transmit-side elastic store is disabled. This pin is sampled on the falling edge of
TSYSCLK when the transmit-side elastic store is enabled.
In IBO mode, data for multiple framers can be used in high-speed multiplexed
scheme. This is described in Section 8.8.2. The table there presents the
combination of framer data for each of the streams.
TSYSCLK is used as a reference when IBO is invoked.
TCLK
63
I
Transmit Clock.
A 1.544MHz or a 2.048MHz primary clock. Used to clock data
through the transmit side of the transceiver. TSER data is sampled on the falling
edge of TCLK. TCLK is used to sample TSER when the elastic store is not enabled
or IBO is not used.
TSYSCLK
62
I
Transmit System Clock.
1.544MHz, 2.048MHz, 4.096MHz, 8.192MHz, or
16.384MHz clock. Only used when the transmit-side elastic store function is
enabled. Should be tied low in applications that do not use the transmit-side elastic
store. The clock can be 4.096MHz, 8.912MHz, or 16.384MHz when IBO mode is
used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com