Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 92 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 92 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 88Page - Maxim Integrated Products DS26521 Datasheet HTML 89Page - Maxim Integrated Products DS26521 Datasheet HTML 90Page - Maxim Integrated Products DS26521 Datasheet HTML 91Page - Maxim Integrated Products DS26521 Datasheet HTML 92Page - Maxim Integrated Products DS26521 Datasheet HTML 93Page - Maxim Integrated Products DS26521 Datasheet HTML 94Page - Maxim Integrated Products DS26521 Datasheet HTML 95Page - Maxim Integrated Products DS26521 Datasheet HTML 96Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
92 of 258
9.2.2
Framer Register Bit Map
Table 9-7 contains the framer registers of the DS26521. Some registers have dual functionality based on the
selection of T1/J1 or E1 operating mode in the RMMR and TMMR registers. These dual-function registers are
shown below using two lines of text. The first line of text is the bit functionality for T1/J1 mode. The second line is
the bit functionality in E1 mode, in italics. Bits that are not used for an operating mode are noted with a dash “—“.
When there is only one set of bit definitions listed for a register, the bit functionality does not change with respect to
the selection of T1/J1 or E1 mode. All registers not listed are reserved and should be initialized with a value of 00h
for proper operation.
Table 9-7. Framer Register Bit Map
ADDR
NAME
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
010h
RHC
RCRCD
RHR
RHMS
RHCS4
RHCS3
RHCS2
RHCS1
RHCS0
011h
RHBSE
BSE8
BSE7
BSE6
BSE5
BSE4
BSE3
BSE2
BSE1
012h
RDS0SEL
—
—
—
RCM4
RCM3
RCM2
RCM1
RCM0
—
—
—
RFSA1
—
RSFF
RSFE
RSIE
013h
RSIGC
—
—
—
CASMS
—
RSFF
RSFE
RSEI
T1RCR2
—
—
—
RSLC96
OOF2
OOF1
RAIIE
RD4RM
014h
1
E1RSAIMR
—
—
—
RSa4IM
RSa5IM
RSa6IM
RSa7IM
RSa8IM
015h
T1RBOCC
RBR
—
RBD1
RBD0
—
RBF1
RBF0
—
020h
RIDR1
C7
C6
C5
C4
C3
C2
C1
C0
021h
RIDR2
C7
C6
C5
C4
C3
C2
C1
C0
022h
RIDR3
C7
C6
C5
C4
C3
C2
C1
C0
023h
RIDR4
C7
C6
C5
C4
C3
C2
C1
C0
024h
RIDR5
C7
C6
C5
C4
C3
C2
C1
C0
025h
RIDR6
C7
C6
C5
C4
C3
C2
C1
C0
026h
RIDR7
C7
C6
C5
C4
C3
C2
C1
C0
027h
RIDR8
C7
C6
C5
C4
C3
C2
C1
C0
028h
RIDR9
C7
C6
C5
C4
C3
C2
C1
C0
029h
RIDR10
C7
C6
C5
C4
C3
C2
C1
C0
02Ah
RIDR11
C7
C6
C5
C4
C3
C2
C1
C0
02Bh
RIDR12
C7
C6
C5
C4
C3
C2
C1
C0
02Ch
RIDR13
C7
C6
C5
C4
C3
C2
C1
C0
02Dh
RIDR14
C7
C6
C5
C4
C3
C2
C1
C0
02Eh
RIDR15
C7
C6
C5
C4
C3
C2
C1
C0
02Fh
RIDR16
C7
C6
C5
C4
C3
C2
C1
C0
030h
RIDR17
C7
C6
C5
C4
C3
C2
C1
C0
031h
RIDR18
C7
C6
C5
C4
C3
C2
C1
C0
032h
RIDR19
C7
C6
C5
C4
C3
C2
C1
C0
033h
RIDR20
C7
C6
C5
C4
C3
C2
C1
C0
034h
RIDR21
C7
C6
C5
C4
C3
C2
C1
C0
035h
RIDR22
C7
C6
C5
C4
C3
C2
C1
C0
036h
RIDR23
C7
C6
C5
C4
C3
C2
C1
C0
037h
RIDR24
C7
C6
C5
C4
C3
C2
C1
C0
T1RSAOI1
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
038h
RIDR25
C7
C6
C5
C4
C3
C2
C1
C0
T1RSAOI2
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
039h
RIDR26
C7
C6
C5
C4
C3
C2
C1
C0
T1RSAOI3
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
03Ah
RIDR27
C7
C6
C5
C4
C3
C2
C1
C0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com