Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 62 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 62 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 58Page - Maxim Integrated Products DS26521 Datasheet HTML 59Page - Maxim Integrated Products DS26521 Datasheet HTML 60Page - Maxim Integrated Products DS26521 Datasheet HTML 61Page - Maxim Integrated Products DS26521 Datasheet HTML 62Page - Maxim Integrated Products DS26521 Datasheet HTML 63Page - Maxim Integrated Products DS26521 Datasheet HTML 64Page - Maxim Integrated Products DS26521 Datasheet HTML 65Page - Maxim Integrated Products DS26521 Datasheet HTML 66Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
62 of 258
8.10
HDLC Controllers
8.10.1 Receive HDLC Controller
The DS26521 has an enhanced HDLC controller that can be mapped into a single time slot, or Sa4 to Sa8 bits (E1
mode), or the FDL (T1 mode). The HDLC controller has a 64-byte FIFO buffer in both the transmit and receive
paths. The user can select any specific bits within the time slot(s) to assign to the HDLC controller, as well as
specific Sa bits (E1 mode).
The HDLC controller performs all the necessary overhead for generating and receiving performance report
messages (PRMs) as described in ANSI T1.403 and the messages as described in AT&T TR54016. The HDLC
controller automatically generates and detects flags, generates and checks the CRC check sum, generates and
detects abort sequences, stuffs and destuffs zeros, and byte aligns to the data stream. The 64-byte buffers in the
HDLC controller are large enough to allow a full PRM to be received or transmitted without host intervention.
Table 8-28 shows the registers related to the HDLC.
Table 8-28. Registers Related to the HDLC
REGISTER
FRAMER
ADDRESSES
FUNCTION
Receive HDLC Control Register (RHC)
010h
Mapping of the HDLC to DS0 or FDL.
Receive HDLC Bit Suppress Register
(RHBSE)
011h
Receive HDLC bit suppression register.
Receive HDLC FIFO Control Register
(RHFC)
087h
Determines the length of the receive HDLC
FIFO.
Receive HDLC Packet Bytes Available
Register (RHPBA)
0B5h
Tells the user how many bytes are available in
the teceive HDLC FIFO.
Receive HDLC FIFO Register (RHF)
0B6h
The actual FIFDO data.
Receive Real-Time Status Register 5
(RRTS5)
0B4h
Indicates the FIFO status.
Receive Latched Status Register 5 (RLS5)
094h
Latched status.
Receive Interrupt Mask Register 5 (RIM5)
0A4h
Interrupt mask for interrupt generation for the
latched status.
Transmit HDLC Control Register 1(THC1)
110h
Miscellaneous transmit HDLC control.
Transmit HDLC Bit Suppress Register
(THBSE)
111h
Transmit HDLC bit suppress for bits not to be
used.
Transmit HDLC Control Register 2 (THC2)
113h
HDLC to DS0 channel selection and other
control.
Transmit HDLC FIFO Control Register
(THFC)
187h
Used to control the transmit HDLC FIFO.
Transmit Real-Time Status Register 2
(TRTS2)
1B1h
Indicates the real-time status of the transmit
HDLC FIFO.
Transmit HDLC Latched Status Register 2
(TLS2)
191h
Indicates the FIFO status.
Transmit Interrupt Mask Register 2 (HDLC)
Register (TIM2)
1A1h
Interrupt mask for the latched status.
Transmit HDLC FIFO Buffer Available
Register (TFBA)
1B3h
Indicates the number of bytes that can be
written into the transmit FIFO.
Transmit HDLC FIFO Register (THF)
1B4h
Transmit HDLC FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com