Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 84 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 84 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 80Page - Maxim Integrated Products DS26521 Datasheet HTML 81Page - Maxim Integrated Products DS26521 Datasheet HTML 82Page - Maxim Integrated Products DS26521 Datasheet HTML 83Page - Maxim Integrated Products DS26521 Datasheet HTML 84Page - Maxim Integrated Products DS26521 Datasheet HTML 85Page - Maxim Integrated Products DS26521 Datasheet HTML 86Page - Maxim Integrated Products DS26521 Datasheet HTML 87Page - Maxim Integrated Products DS26521 Datasheet HTML 88Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
84 of 258
FRAMER REGISTER LIST
ADDRESS
NAME
DESCRIPTION
R/W
041h
RS2
Receive-Signaling Register 2
R
042h
RS3
Receive-Signaling Register 3
R
043h
RS4
Receive-Signaling Register 4
R
044h
RS5
Receive-Signaling Register 5
R
045h
RS6
Receive-Signaling Register 6
R
046h
RS7
Receive-Signaling Register 7
R
047h
RS8
Receive-Signaling Register 8
R
048h
RS9
Receive-Signaling Register 9
R
049h
RS10
Receive-Signaling Register 10
R
04Ah
RS11
Receive-Signaling Register 11
R
04Bh
RS12
Receive-Signaling Register 12
R
04Ch
RS13
Receive-Signaling Register 13 (E1 Mode only)
—
04Dh
RS14
Receive-Signaling Register 14 (E1 Mode only)
—
04Eh
RS15
Receive-Signaling Register 15 (E1 Mode only)
—
04Fh
RS16
Receive-Signaling Register 16 (E1 Mode only)
—
050h
LCVCR1
Line Code Violation Count Register 1
R
051h
LCVCR2
Line Code Violation Count Register 2
R
052h
PCVCR1
Path Code Violation Count Register 1
R
053h
PCVCR2
Path Code Violation Count Register 2
R
054h
FOSCR1
Frames Out of Sync Count Register 1
R
055h
FOSCR2
Frames Out of Sync Count Register 2
R
056h
E1EBCR1
E-Bit Counter 1 (E1 Mode Only)
R
057h
E1EBCR2
E-Bit Counter 2 (E1 Mode Only)
R
058h–05Fh
—
Reserved
—
060
RDS0M
Receive DS0 Monitor Register
R
061
—
Reserved
—
T1RFDL
Receive FDL Register (T1 Mode)
062h
E1RRTS7
Receive Real-Time Status Register 7 (E1 Mode)
R
063h
T1RBOC
Receive BOC Register (T1 Mode)
R
T1RSLC1
Receive SLC-96 Data Link Register 1 (T1 Mode)
064h
E1RAF
E1 Receive Align Frame Register (E1 Mode)
R
T1RSLC2
Receive SLC-96 Data Link Register 2 (T1 Mode)
065h
E1RNAF
E1 Receive Non-Align Frame Register (E1 Mode)
R
T1RSLC3
Receive SLC-96 Data Link Register 3 (T1 Mode)
066h
E1RSiAF
E1 Received Si Bits of the Align Frame Register (E1 Mode)
R
067h
E1RSiNAF
Received Si Bits of the Non-Align Frame Register (E1 Mode)
R
068h
E1RRA
Received Remote Alarm Register (E1 Mode)
R
069h
E1RSa4
E1 Receive Sa4 Bits Register (E1 Mode Only)
R
06Ah
E1RSa5
E1 Receive Sa5 Bits Register (E1 Mode Only)
R
06Bh
E1RSa6
E1 Receive Sa6 Bits Register (E1 Mode Only)
R
06Ch
E1RSa7
E1 Receive Sa7 Bits Register (E1 Mode Only)
R
06Dh
E1RSa8
Receive Sa8 Bits Register (E1 Mode Only)
R
06Eh
SaBITS
E1 Receive SaX Bits Register
R
06Fh
Sa6CODE
Received Sa6 Codeword Register
R
070h–07Fh
—
Reserved
—
080h
RMMR
Receive Master Mode Register
R/W
RCR1
Receive Control Register 1 (T1 Mode)
081h
RCR1
Receive Control Register 1 (E1 Mode)
R/W
T1RIBCC
Receive In-Band Code Control Register (T1 Mode)
082h
E1RCR2
Receive Control Register 2 (E1 Mode)
R/W
083h
RCR3
Receive Control Register 3
R/W
084h
RIOCR
Receive I/O Configuration Register
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com