Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 81 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 81 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 77Page - Maxim Integrated Products DS26521 Datasheet HTML 78Page - Maxim Integrated Products DS26521 Datasheet HTML 79Page - Maxim Integrated Products DS26521 Datasheet HTML 80Page - Maxim Integrated Products DS26521 Datasheet HTML 81Page - Maxim Integrated Products DS26521 Datasheet HTML 82Page - Maxim Integrated Products DS26521 Datasheet HTML 83Page - Maxim Integrated Products DS26521 Datasheet HTML 84Page - Maxim Integrated Products DS26521 Datasheet HTML 85Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
81 of 258
9.
DEVICE REGISTERS
Thirteen address bits are used to control the settings of the registers. The address map is compatible with the
Dallas Semiconductor dual framer product, DS26522.
The registers control functions of the framers, LIU, and BERT within the DS26521. Global registers (applicable to
the transceiver and BERT) are located within the address space of the framer.
The register details are provided in the following tables. Thirteen address bits are needed to decode the register
range. However, address bits A9, A10, and A11 are internally pulled to ground and do not come out to a pin. These
bits are not needed to access any available register on the DS26521. The address range was mapped this way to
preserve software compatibility with the register maps of the TEX-series transceiver family of devices (DS26528,
DS26524, and DS26522). This allows for reuse of software developed for the DS26528 octal, for example, without
remapping the registers.
All interrupt information register bits are real-time bits that clear once the appropriate interrupt has been serviced
and cleared, as long as no additional, unmasked interrupt condition is present in the associated status register.
All latched status bits must be cleared by the host writing a 1 to the bit location of the interrupt condition that has
been serviced. Latched status bits that have been masked via interrupt mask registers are masked from the
interrupt information registers.
9.1
Register Listings
Table 9-1. Register Address Ranges
ADDRESS RANGE (IN BINARY)*
BLOCK
ADDRESS
RANGE
(IN HEX)
A12
A8
A[7:4]
A[3:0]
A12
A8
A[7:4]
A[3:0]
Receive
Framer
0000–00EF
0
0
0000
0000
0
0
1110
1111
Global
Registers
00F0–00FF
0
0
1111
0000
0
0
1111
1111
Transmit
Framer
0100–01EF
0
1
0000
0000
0
1
1110
1111
LIU
1000–1017
1
0
0000
0000
1
0
0000
0111
TEST
1018–101F
1
0
0000
1000
1
0
0001
1111
BERT
1100–110F
1
1
0000
0000
1
1
0000
1111
*A9, A10, and A11 are internally pulled low to provide software compatibility with other TEX-series transceivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com