Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 20Page - Maxim Integrated Products DS26521 Datasheet HTML 21Page - Maxim Integrated Products DS26521 Datasheet HTML 22Page - Maxim Integrated Products DS26521 Datasheet HTML 23Page - Maxim Integrated Products DS26521 Datasheet HTML 24Page - Maxim Integrated Products DS26521 Datasheet HTML 25Page - Maxim Integrated Products DS26521 Datasheet HTML 26Page - Maxim Integrated Products DS26521 Datasheet HTML 27Page - Maxim Integrated Products DS26521 Datasheet HTML 28Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
24 of 258
NAME
PIN
TYPE
FUNCTION
TEST
JTRST
47
I, Pullup
JTAG Reset.
JTRST is used to asynchronously reset the test access port
controller. After power-up,
JTRST must be toggled from low to high. This action
sets the device into the JTAG DEVICE ID mode. Pulling
JTRST low restores
normal device operation.
JTRST is pulled high internally via a 10k
Ω resistor
operation. If boundary scan is not used, this pin should be held low.
JTMS
46
I, Pullup
JTAG Mode Select.
This pin is sampled on the rising edge of JTCLK and is used
to place the test access port into the various defined IEEE 1149.1 states. This pin
has a 10k
Ω pullup resistor.
JTCLK
45
I
JTAG Clock.
This signal is used to shift data into JTDI on the rising edge and out
of JTDO on the falling edge.
JTDI
44
I, Pullup
JTAG Data In.
Test instructions and data are clocked into this pin on the rising
edge of JTCLK. This pin has a 10k
Ω pullup resistor.
JTDO
43
O, High
impedance
JTAG Data Out.
Test instructions and data are clocked out of this pin on the falling
edge of JTCLK. If not used, this pin should be left unconnected.
SCANMODE
3
I
Scan Mode.
This pin should be connected to ground for normal operation.
SCAN_EN
4
I
Scan Enable.
This pin should be connected to ground for normal operation.
POWER SUPPLIES
ATVDD
5
—
3.3V Analog Transmit Power Supply
. This VDD input is used for the transmit LIU
section of the DS26521.
ATVSS
8
—
Analog Transmit VSS. This pin is used for transmit analog VSS.
ARVDD
9
—
3.3V Analog Receive Power Supply
. This VDD input is used for the receive LIU
section of the DS26521.
ARVSS
12
—
Analog Receive VSS. This pin is used for analog VSS for the receiver.
ACVDD
40
—
Analog Clock Conversion VDD. This VDD input is used for the clock conversion
unit of the DS26521.
ACVSS
41
—
Analog Clock VSS. This pin is used for clock converter analog VSS.
DVDD
21
—
3.3V Power Supply for the Digital Framer
DVSS
22
—
Digital Ground for the Framer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com