Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 18Page - Maxim Integrated Products DS26521 Datasheet HTML 19Page - Maxim Integrated Products DS26521 Datasheet HTML 20Page - Maxim Integrated Products DS26521 Datasheet HTML 21Page - Maxim Integrated Products DS26521 Datasheet HTML 22Page - Maxim Integrated Products DS26521 Datasheet HTML 23Page - Maxim Integrated Products DS26521 Datasheet HTML 24Page - Maxim Integrated Products DS26521 Datasheet HTML 25Page - Maxim Integrated Products DS26521 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
22 of 258
NAME
PIN
TYPE
FUNCTION
RCHBLK/
CLK
49
O
Receive Channel Block/Receive Channel Block Clock.
This pin can be
configured to output either RCHBLK or RCHCLK. RCHBLK is a user-
programmable output that can be forced high or low during any of the 24 T1 or 32
E1 channels. It is synchronous with RCLK when the receive-side elastic store is
disabled. It is synchronous with RSYSCLK when the receive-side elastic store is
enabled. This pin is useful for blocking clocks to a serial UART or LAPD controller
in applications where not all channels are used such as fractional service, 384kbps
service, 768kbps, or ISDN-PRI. Also useful for locating individual channels in drop-
and-insert applications, for external per-channel loopback, and for per-channel
conditioning.
RCHCLK.
RCHCLK is a 192kHz (T1) or 256kHz (E1) clock that pulses high during
the LSB of each channel. It is synchronous with RCLK when the receive-side
elastic store is disabled. It is synchronous with RSYSCLK when the receive-side
elastic store is enabled. It is useful for parallel-to-serial conversion of channel data.
BPCLK
48
O
Backplane Clock.
Programmable clock output that can be set to 2.048MHz,
4.096MHz, 8.192MHz, or 16.384MHz. The reference for this clock can be RCLK
from any of the LIU, 1.544MHz, or 2.048MHz frequency derived from MCLK or an
external reference clock. This allows for the IBO clock to reference from an
external source or the T1/J1/E1 recovered clock or the MCLK oscillator.
MICROPROCESSOR INTERFACE
A12
14
A8
15
A7
16
A6
17
A5
18
A4
19
A3
20
A2
23
A1
24
A0
25
I
Address [12], [8:0].
This bus selects a specific register in the DS26521 during
read/write access. A12 is the MSB and A0 is the LSB. Note: A9, A10, and A11 are
internally pulled low. Connect device A12 to microprocessor A12 to ensure
software compatibility with other TEX-series transceivers. See Section 9 for further
information.
D[7]/
SPI_CPOL
26
I
Data [7]/SPI Interface Clock Polarity
D[7]: Bit 7 of the 16-bit or 8-bit data bus used to input data during register writes
and data outputs during register reads. Not driven when
CS = 1.
SPI_CPOL:
This signal selects the clock polarity when SPI_SEL = 1. See Section
8.1.3 for detailed timing and functionality information. Default setting is low.
D[6]/
SPI_CPHA
27
I
Data [6]/SPI Interface Clock Phase
D[6]: Bit 6 of the 16-bit or 8-bit data bus used to input data during register writes,
and data outputs during register reads. Not driven when
CS = 1.
SPI_CPHA:
This signal selects the clock phase when SPI_SEL = 1. See Section
8.1.3 for detailed timing and functionality information. Default setting is low.
D[5]/
SPI_SWAP
28
I
Data [5]/SPI Bit Order Swap
D[5]: Bit 5 of the 16-bit or 8-bit data bus used to input data during register writes,
and data outputs during register reads. Not driven when
CSB = 1.
SPI_SWAP:
This signal is active when SPI_SEL = 1. The address and data bit
order is swapped when SPI_SWAP is high. The R/W and B bit positions are never
changed in the control word.
0 = LSB is transmitted and received first.
1 = MSB is transmitted and received first.
D[4]
29
I
Data [4].
Bit 4 of the 8-bit data bus used to input data during register writes, and
data outputs during register reads. Not driven when
CSB = 1.
D[3]
30
I
Data [3].
Bit 3 of the 8-bit data bus used to input data during register writes, and
data outputs during register reads. Not driven when
CSB = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com