Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 51 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 51 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 47Page - Maxim Integrated Products DS26521 Datasheet HTML 48Page - Maxim Integrated Products DS26521 Datasheet HTML 49Page - Maxim Integrated Products DS26521 Datasheet HTML 50Page - Maxim Integrated Products DS26521 Datasheet HTML 51Page - Maxim Integrated Products DS26521 Datasheet HTML 52Page - Maxim Integrated Products DS26521 Datasheet HTML 53Page - Maxim Integrated Products DS26521 Datasheet HTML 54Page - Maxim Integrated Products DS26521 Datasheet HTML 55Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
51 of 258
8.9.6.1 Additional E1 Receive Sa- and Si-Bit Receive Operation (E1 Mode)
The DS26521, when operated in the E1 mode, provides for access to both the Sa and the Si bits via two methods.
The first involves using the internal E1RAF/E1RNAF and E1TAF/E1TNAF registers. The second method involves
an expanded version of the first method.
8.9.6.1.1 Internal Register Scheme Based on Double-Frame (Method 1)
On the receive side, the E1RAF and E1RNAF registers will always report the data as it received in the Sa- and Si-
bit locations. The E1RAFand E1RNAF registers are updated on align frame boundaries. The setting of the receive
align frame bit in Receive Latched Status Register 2 (RLS2.0) indicates that the contents of the RAF and RNAF
have been updated. The host can use the RLS2.0 bit to know when to read the E1RAF and E1RNAF registers. The
host has 250
μs to retrieve the data before it is lost.
8.9.6.1.2 Internal Register Scheme Based on CRC-4 Multiframe (Receive Side)
On the receive side there is a set of eight registers (E1RSiAF, E1RSiNAF, E1RRA, E1RSa4:E1RSa8) that report
the Si and Sa bits as they are received. These registers are updated with the setting of the receive CRC-4
multiframe bit in Receive Latched Status Register 2 (RLS2.1). The host can use the RLS2.1 bit to know when to
read these registers. The user has 2ms to retrieve the data before it is lost. See the register descriptions for
additional information.
8.9.6.1.3 Internal Register Scheme Based on CRC-4 Multiframe (Transmit Side)
On the transmit side there is a set of eight registers (E1TSiAF, E1TSiNAF, E1TRA, E1TSa4:E1TSa8) that, via the
Transmit Sa-Bit Control register (E1TSACR), can be programmed to insert both Si and Sa data. Data is sampled
from these registers with the setting of the transmit multiframe bit in Transmit Latched Status Register 1 (TLS1.3).
The host can use the TLS1.3 bit to know when to update these registers. It has 2ms to update the data or else the
old data will be retransmitted. See the register descriptions for additional information.
8.9.6.2 Sa-Bit Monitoring and Reporting
In addition to the registers outlined above, the DS26521 provides status and interrupt capability in order to detect
changes in the state of selected Sa bits. The
2
E1RSAIMR register can be used to select which Sa bits are
monitored for a change of state. When a change of state is detected in one of the enabled Sa-bit positions, a status
bit is set in the
9
RLS7 register via the SaXCD bit (bit 0). This status bit can, in turn, be used to generate an interrupt
by unmasking RIM7.0 (SaXCD). If multiple Sa bits have been enabled, the user can read the SaBITS register at
address 06Eh to determine the current value of each Sa bit.
For the Sa6 bits, additional support is available to detect specific codewords per ETS 300 233. The Sa6CODE
register reports the received Sa6 codeword. The codeword must be stable for a period of three submultiframes and
be different from the previous stored value in order to be updated in this register. See the
9
Sa6CODE register
description for further details on the operation of this register and the values reported in it. An additional status bit is
provided in
29
RLS7 (Sa6CD) to indicate if the received Sa6 codeword has changed. A mask bit is provided for this
status bit in RIM7 to allow for interrupt generation when enabled.
8.9.7
Maintenance and Alarms
The DS26521 provides extensive functions for alarm detection and generation. It also provides diagnostic functions
for monitoring of performance and sending of diagnostic information such as the following:
•
Real-time and latched status bits, interrupts, and interrupt mask for transmitter and receiver
•
LOS detection
•
RIA detection and generation
•
PDV violation detection
•
Error counters
•
DS0 monitoring
•
Milliwatt generation and detection
•
Slip buffer status for transmit and receive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com