Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 79 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 79 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 75Page - Maxim Integrated Products DS26521 Datasheet HTML 76Page - Maxim Integrated Products DS26521 Datasheet HTML 77Page - Maxim Integrated Products DS26521 Datasheet HTML 78Page - Maxim Integrated Products DS26521 Datasheet HTML 79Page - Maxim Integrated Products DS26521 Datasheet HTML 80Page - Maxim Integrated Products DS26521 Datasheet HTML 81Page - Maxim Integrated Products DS26521 Datasheet HTML 82Page - Maxim Integrated Products DS26521 Datasheet HTML 83Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
79 of 258
8.12
Bit-Error-Rate Test (BERT) Function
The bit-error-rate tester (BERT) block can generate and detect both pseudorandom and repeating bit patterns. It is
used to test and stress data-communication links. BERT functionality is dedicated for each of the transceivers.
Table 8-35 shows the registers related to the configure, control, and status of the BERT.
Table 8-35. Registers Related to BERT Configure, Control, and Status
REGISTER
FRAMER
ADDRESSES
FUNCTION
Global BERT Interrupt Status Register
(GBISR)
0FAh
When the BERT issues an interrupt, a bit is
set.
Global BERT Interrupt Mask Register
(GBIMR)
0FDh
When the BERT issues an interrupt, a bit is
set.
Receive Expansion Port Control Register
(RXPC)
08Ah
Enable for the receiver BERT.
Receive BERT Port Bit Suppress Register
(RBPBS)
08Bh
Bit suppression for the receive BERT.
Receive BERT Port Channel Select
Registers 1 to 4 (RBPCS1:RBPCS4)
0D4h, 0D5h, 0D6h,
0D7h
Channels to be enabled for the framer to
accept data from the BERT pattern generator.
Transmit Expansion Port Control Register
(TXPC)
18Ah
Enable for the transmitter BERT
Transmit BERT Port Bit Suppress
Register (TBPBS)
18Bh
Bit suppression for the transmit BERT
Transmit BERT Port Channel Select
Registers 1 to 4 (TBPCS1:TBPCS4)
1D4h, 1D5h, 1D6h,
1D7h
Channels to be enabled for the framer to
accept data from the transmit BERT pattern
generator.
BERT Alternating Word Count Rate
Register (BAWC)
1100h
BERT alternating pattern count register.
BERT Repetitive Pattern Set Register 1
(BRP1)
1101h
BERT repetitive pattern set register 1.
BERT Repetitive Pattern Set Register 2
(BRP2)
1102h
BERT repetitive pattern set register 2.
BERT Repetitive Pattern Set Register 3
(BRP3)
1103h
BERT repetitive pattern set register 3.
BERT Repetitive Pattern Set Register 4
(BRP4)
1104h
BERT repetitive pattern set register 4.
BERT Control Register 1 (BC1)
1105h
Pattern selection and miscellaneous control.
BERT Control Register 2 (BC2)
1106h
BERT bit pattern length control.
BERT Bit Count Register 1 (BBC1)
1107h
BERT bit counter—increments for BERT bit
clocks.
BERT Bit Count Register 2 (BBC2)
1108h
BERT bit counter.
BERT Bit Count Register 3 (BBC3)
1109h
BERT bit counter.
BERT Bit Count Register 4 (BBC4)
110Ah
BERT bit counter.
BERT Error Count Register 1 (BEC1)
110Bh
BERT error counter.
BERT Error Count Register 2 (BEC2)
110Ch
BERT error counter.
BERT Error Count Register 3 (BEC3)
110Dh
BERT error counter.
BERT Latched Status Register (BLSR)
110Eh
BERT status registers—denotes
synchronization loss and other status.
BERT Status Interrupt Mask Register
(BSIM)
110Fh
BERT Interrupt mask.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com