Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 34 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 34 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 30Page - Maxim Integrated Products DS26521 Datasheet HTML 31Page - Maxim Integrated Products DS26521 Datasheet HTML 32Page - Maxim Integrated Products DS26521 Datasheet HTML 33Page - Maxim Integrated Products DS26521 Datasheet HTML 34Page - Maxim Integrated Products DS26521 Datasheet HTML 35Page - Maxim Integrated Products DS26521 Datasheet HTML 36Page - Maxim Integrated Products DS26521 Datasheet HTML 37Page - Maxim Integrated Products DS26521 Datasheet HTML 38Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
34 of 258
8.8.1.4 Receiving Mapped T1 Channels from a 2.048MHz Backplane
Setting the TSCLKM bit (TIOCR.4) enables the transmit elastic store to operate with a 2.048MHz backplane (32
time slots/frame). In this mode the user can choose which of the backplane channels on TSER will be mapped into
the T1 data stream by programming the Transmit Blank Channel Select registers (TBCS1:TBCS4). A logic 1 in the
associated bit location forces the transmit elastic store to ignore backplane data for that channel. Typically the user
will want to program eight channels to be ignored. The default (power-up) configuration ignores channels 25 to 32,
so that the first 24 backplane channels are mapped into the T1 transmit data stream.
For example, if the user desired to transmit data from the 2.048MHz backplane channels 2 to 16 and 18 to 26, the
TBCS1:TBCS4 registers should be programmed as follows:
TBCS1 = 01h :: ignore backplane channel 1 ::
TBCS2 = 00h
TBCS3 = 01h :: ignore backplane channel 17 ::
TBCS4 = FCh :: ignore backplane channels 27 to 32 ::
8.8.1.5 Mapping T1 Channels onto a 2.048MHz Backplane
Setting the RSCLKM bit (RIOCR.4) enables the receive elastic store to operate with a 2.048MHz backplane (32
time slots/frame). In this mode the user can choose which of the backplane channels on RSER receive the T1 data
by programming the Receive Blank Channel Select registers (RBCS1:RBCS4). A logic 1 in the associated bit
location forces RSER high for that backplane channel. Typically the user will want to program eight channels to be
blanked. The default (power-up) configuration blanks channels 25 to 32, so that the 24 T1 channels are mapped
into the first 24 channels of the 2.048MHz backplane. If the user chooses to blank channel 1 (TS0) by setting
RBCS1.0 = 1, the F-bit will be passed into the MSB of TS0 on RSER.
For example, if:
RBCS1 = 01h
RBCS2 = 00h
RBCS3 = 01h
RBCS4 = FCh
Then on RSER:
Channel 1 (MSB) = F-bit
Channel 1 (bits 1 to 7) = all ones
Channels 2 to 16 = T1 channels 1 to 15
Channel 17 = all ones
Channels 18 to 26 = T1 channels 16 to 24
Channels 27 to 32 = all ones
Note that when two or more sequential channels are chosen to be blanked, the receive slip zone select bit should
be set to 0. If the blank channels are distributed (such as 1, 5, 9, 13, 17, 21, 25, 29), the RSZS bit can be set to 1,
which can provide a lower occurrence of slips in certain applications.
If the two-frame elastic buffer either fills or empties, a controlled slip occurs. If the buffer empties, a full frame of
data is repeated at RSER and the RLS4.5 and RLS4.6 bits are set to 1. If the buffer fills, a full frame of data is
deleted and the RLS4.5 and RLS4.7 bits are set to 1.
8.8.1.6 Receiving Mapped E1 Transmit Channels from a 1.544MHz Backplane
The user can use the TSCLKM bit in TIOCR.4 to enable the transmit elastic store to operate with a 1.544MHz
backplane (24 channels / frame + F-bit). In this mode the user can choose which of the E1 time slots will have all-
ones data inserted by programming the Transmit Blank Channel Select registers (TBCS1:TBCS4). A logic 1 in the
associated bit location causes the elastic store to force all ones at the outgoing E1 data for that channel. Typically
the user will want to program eight channels to be blanked. The default (power-up) configuration blanks channels
25 to 32, so that the first 24 E1 channels are mapped from the 24 channels of the 1.544MHz backplane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com