Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 96 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 96 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 92Page - Maxim Integrated Products DS26521 Datasheet HTML 93Page - Maxim Integrated Products DS26521 Datasheet HTML 94Page - Maxim Integrated Products DS26521 Datasheet HTML 95Page - Maxim Integrated Products DS26521 Datasheet HTML 96Page - Maxim Integrated Products DS26521 Datasheet HTML 97Page - Maxim Integrated Products DS26521 Datasheet HTML 98Page - Maxim Integrated Products DS26521 Datasheet HTML 99Page - Maxim Integrated Products DS26521 Datasheet HTML 100Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
96 of 258
ADDR
NAME
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0C9h
RSI2
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
0CAh
RSI3
CH24
CH23
CH22
CH21
CH200
CH19
CH18
CH17
—
—
—
—
—
—
—
—
0CBh
RSI4
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
0CCh
RGCCS1
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
0CDh
RGCCS2
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
0CEh
RGCCS3
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
—
—
—
—
—
—
—
—
0CFh
RGCCS4
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25(F-bit)
0D0h
RCICE1
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
0D1h
RCICE2
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
0D2h
RCICE3
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
—
—
—
—
—
—
—
—
0D3h
RCICE4
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
0D4h
RBPCS1
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
0D5h
RBPCS2
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
0D6h
RBPCS3
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
—
—
—
—
—
—
—
—
0D7h
RBPCS4
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
110h
THC1
NOFS
TEOML
THR
THMS
TFS
TEOM
TZSD
TCRCD
111h
THBSE
TBSE8
TBSE7
TBSE6
TBSE5
TBSE4
TBSE3
TBSE2
TBSE1
TABT
SBOC
THCEN
THCS4
THCS3
THCS2
THCS1
THCS0
113h
THC2
TABT
—
THCEN
THCS4
THCS3
THCS2
THCS1
THCS0
118h
SSIE1
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
119h
SSIE2
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
11Ah
SSIE3
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
—
—
—
—
—
—
—
—
11Bh
SSIE4
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
120h
TIDR1
C7
C6
C5
C4
C3
C2
C1
C0
121h
TIDR2
C7
C6
C5
C4
C3
C2
C1
C0
122h
TIDR3
C7
C6
C5
C4
C3
C2
C1
C0
123h
TIDR4
C7
C6
C5
C4
C3
C2
C1
C0
124h
TIDR5
C7
C6
C5
C4
C3
C2
C1
C0
125h
TIDR6
C7
C6
C5
C4
C3
C2
C1
C0
126h
TIDR7
C7
C6
C5
C4
C3
C2
C1
C0
127h
TIDR8
C7
C6
C5
C4
C3
C2
C1
C0
128h
TIDR9
C7
C6
C5
C4
C3
C2
C1
C0
129h
TIDR10
C7
C6
C5
C4
C3
C2
C1
C0
12Ah
TIDR11
C7
C6
C5
C4
C3
C2
C1
C0
12Bh
TIDR12
C7
C6
C5
C4
C3
C2
C1
C0
12Ch
TIDR13
C7
C6
C5
C4
C3
C2
C1
C0
12Dh
TIDR14
C7
C6
C5
C4
C3
C2
C1
C0
12Eh
TIDR15
C7
C6
C5
C4
C3
C2
C1
C0
12Fh
TIDR16
C7
C6
C5
C4
C3
C2
C1
C0
130h
TIDR17
C7
C6
C5
C4
C3
C2
C1
C0
131h
TIDR18
C7
C6
C5
C4
C3
C2
C1
C0
132h
TIDR19
C7
C6
C5
C4
C3
C2
C1
C0
133h
TIDR20
C7
C6
C5
C4
C3
C2
C1
C0
134h
TIDR21
C7
C6
C5
C4
C3
C2
C1
C0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com