Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 87 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 87 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 83Page - Maxim Integrated Products DS26521 Datasheet HTML 84Page - Maxim Integrated Products DS26521 Datasheet HTML 85Page - Maxim Integrated Products DS26521 Datasheet HTML 86Page - Maxim Integrated Products DS26521 Datasheet HTML 87Page - Maxim Integrated Products DS26521 Datasheet HTML 88Page - Maxim Integrated Products DS26521 Datasheet HTML 89Page - Maxim Integrated Products DS26521 Datasheet HTML 90Page - Maxim Integrated Products DS26521 Datasheet HTML 91Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
87 of 258
FRAMER REGISTER LIST
ADDRESS
NAME
DESCRIPTION
R/W
12Dh
TIDR14
Transmit Idle Code Definition Register 14
R/W
12Eh
TIDR15
Transmit Idle Code Definition Register 15
R/W
12Fh
TIDR16
Transmit Idle Code Definition Register 16
R/W
130h
TIDR17
Transmit Idle Code Definition Register 17
R/W
131h
TIDR18
Transmit Idle Code Definition Register 18
R/W
132h
TIDR19
Transmit Idle Code Definition Register 19
R/W
133h
TIDR20
Transmit Idle Code Definition Register 20
R/W
134h
TIDR21
Transmit Idle Code Definition Register 21
R/W
135h
TIDR22
Transmit Idle Code Definition Register 22
R/W
136h
TIDR23
Transmit Idle Code Definition Register 23
R/W
137h
TIDR24
Transmit Idle Code Definition Register 24
R/W
138h
TIDR25
Transmit Idle Code Definition Register 25 (E1 Mode Only)
R/W
139h
TIDR26
Transmit Idle Code Definition Register 26 (E1 Mode Only)
R/W
13Ah
TIDR27
Transmit Idle Code Definition Register 27 (E1 Mode Only)
R/W
13Bh
TIDR28
Transmit Idle Code Definition Register 28 (E1 Mode Only)
R/W
13Ch
TIDR29
Transmit Idle Code Definition Register 29 (E1 Mode Only)
R/W
13Dh
TIDR30
Transmit Idle Code Definition Register 30 (E1 Mode Only)
R/W
13Eh
TIDR31
Transmit Idle Code Definition Register 31 (E1 Mode Only)
R/W
13Fh
TIDR32
Transmit Idle Code Definition Register 32 (E1 Mode Only)
R/W
140h
TS1
Transmit-Signaling Register 1
R/W
141h
TS2
Transmit-Signaling Register 2
R/W
142h
TS3
Transmit-Signaling Register 3
R/W
143h
TS4
Transmit-Signaling Register 4
R/W
144h
TS5
Transmit-Signaling Register 5
R/W
145h
TS6
Transmit-Signaling Register 6
R/W
146h
TS7
Transmit-Signaling Register 7
R/W
147h
TS8
Transmit-Signaling Register 8
R/W
148h
TS9
Transmit-Signaling Register 9
R/W
149h
TS10
Transmit-Signaling Register 10
R/W
14Ah
TS11
Transmit-Signaling Register 11
R/W
14Bh
TS12
Transmit-Signaling Register 12
R/W
14Ch
TS13
Transmit-Signaling Register 13
R/W
14Dh
TS14
Transmit-Signaling Register 14
R/W
14Eh
TS15
Transmit-Signaling Register 15
R/W
14Fh
TS16
Transmit-Signaling Register 16
R/W
150h
TCICE1
Transmit Channel Idle Code Enable Register 1
R/W
151h
TCICE2
Transmit Channel Idle Code Enable Register 2
R/W
152h
TCICE3
Transmit Channel Idle Code Enable Register 3
R/W
153h
TCICE4
Transmit Channel Idle Code Enable Register 4 (E1 Mode Only)
R/W
154h–161h
—
Reserved
—
162h
T1TFDL
Transmit FDL Register (T1 Mode Only)
R/W
163h
T1TBOC
Transmit BOC Register (T1 Mode Only)
R/W
T1TSLC1
Transmit SLC-96 Data Link Register 1 (T1 Mode)
164h
E1TAF
Transmit Align Frame Register (E1 Mode)
R/W
T1TSLC2
Transmit SLC-96 Data Link Register 2 (T1 Mode)
165h
E1TNAF
Transmit Non-Align Frame Register (E1 Mode)
R/W
T1TSLC3
Transmit SLC-96 Data Link Register 3 (T1 Mode)
166h
E1TSiAF
Transmit Si Bits of the Align Frame Register (E1 Mode)
R/W
167h
E1TSiNAF
Transmit Si Bits of the Non-Align Frame Register (E1 Mode Only)
R/W
168h
E1TRA
Transmit Remote Alarm Register (E1 Mode)
R/W
169h
E1TSa4
Transmit Sa4 Bits Register (E1 Mode Only)
R/W
16Ah
E1TSa5
Transmit Sa5 Bits Register (E1 Mode Only)
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com