Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 88 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 88 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 84Page - Maxim Integrated Products DS26521 Datasheet HTML 85Page - Maxim Integrated Products DS26521 Datasheet HTML 86Page - Maxim Integrated Products DS26521 Datasheet HTML 87Page - Maxim Integrated Products DS26521 Datasheet HTML 88Page - Maxim Integrated Products DS26521 Datasheet HTML 89Page - Maxim Integrated Products DS26521 Datasheet HTML 90Page - Maxim Integrated Products DS26521 Datasheet HTML 91Page - Maxim Integrated Products DS26521 Datasheet HTML 92Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
88 of 258
FRAMER REGISTER LIST
ADDRESS
NAME
DESCRIPTION
R/W
16Bh
E1TSa6
Transmit Sa6 Bits Register (E1 Mode Only)
R/W
16Ch
E1TSa7
Transmit Sa7 Bits Register (E1 Mode Only)
R/W
16Dh
E1RSa8
Receive Sa8 Bits Register (E1 Mode Only)
R/W
16Eh–17Fh
—
Reserved
—
180h
TMMR
Transmit Master Mode Register
R/W
TCR1
Transmit Control Register 1 (T1 Mode)
181h
TCR1
Transmit Control Register 1 (E1 Mode)
R/W
TCR2
Transmit Control Register 2 (T1 Mode)
182h
TCR2
Transmit Control Register 2 (E1 Mode)
R/W
183h
TCR3
Transmit Control Register 3
R/W
184h
TIOCR
Transmit I/O Configuration Register
R/W
185h
TESCR
Transmit Elastic Store Control Register
R/W
186h
TCR4
Transmit Control Register 4 (T1 Mode Only)
R/W
187h
THFC
Transmit HDLC FIFO Control Register
R/W
188h
TIBOC
Transmit Interleave Bus Operation Control Register
R/W
189h
TDS0SEL
Transmit DS0 Channel Monitor Select Register
R/W
18Ah
TXPC
Transmit Expansion Port Control Register
R/W
18Bh
TBPBS
Transmit BERT Port Bit Suppress Register
R/W
18Ch–18Dh
—
Reserved
—
18Eh
TSYNCC
Transmit Synchronizer Control Register
R/W
18F
—
Reserved
—
190h
TLS1
Transmit Latched Status Register 1
R/W
191h
TLS2
Transmit Latched Status Register 2 (HDLC)
R/W
192h
TLS3
Transmit Latched Status Register 3 (Synchronizer)
R/W
193h–19Eh
—
Reserved
—
19Fh
TIIR
Transmit Interrupt Information Register
R/W
1A0h
TIM1
Transmit Interrupt Mask Register 1
R/W
1A1h
TIM2
Transmit Interrupt Mask Register 2 (HDLC)
R/W
1A2h
TIM3
Transmit Interrupt Mask Register 3 (Synchronizer)
R/W
1A3h–1ABh
—
Reserved
—
1ACh
T1TCD1
Transmit Code Definition Register 1 (T1 Mode Only)
R/W
1ADh
T1TCD2
Transmit Code Definition Register 2 (T1 Mode Only)
R/W
1AEh–1B0h
—
Reserved
—
1B1h
TRTS2
Transmit Real-Time Status Register 2 (HDLC)
R
1B2h
—
Reserved
—
1B3h
TFBA
Transmit HDLC FIFO Buffer Available
R
1B4h
THF
Transmit HDLC FIFO Register
W
1B5h–1BhA
—
Reserved
—
1BBh
TDS0M
Transmit DS0 Monitor Register
R
1BCh–1BFh
—
Reserved
—
1C0h
TBCS1
Transmit Blank Channel Select Register 1
R/W
1C1h
TBCS2
Transmit Blank Channel Select Register 2
R/W
1C2h
TBCS3
Transmit Blank Channel Select Register 3
R/W
1C3h
TBCS4
Transmit Blank Channel Select Register 4 (E1 Mode Only)
R/W
1C4h
TCBR1
Transmit Channel Blocking Register 1
R/W
1C5h
TCBR2
Transmit Channel Blocking Register 2
R/W
1C6h
TCBR3
Transmit Channel Blocking Register 3
R/W
1C7h
TCBR4
Transmit Channel Blocking Register 4 (E1 Mode Only)
R/W
1C8h
THSCS1
Transmit Hardware-Signaling Channel Select Register 1
R/W
1C9h
THSCS2
Transmit Hardware-Signaling Channel Select Register 2
R/W
1CAh
THSCS3
Transmit Hardware-Signaling Channel Select Register 3
R/W
1CBh
THSCS4
Transmit Hardware-Signaling Channel Select Register 4 (E1 Mode
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com