Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 90 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 90 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 86Page - Maxim Integrated Products DS26521 Datasheet HTML 87Page - Maxim Integrated Products DS26521 Datasheet HTML 88Page - Maxim Integrated Products DS26521 Datasheet HTML 89Page - Maxim Integrated Products DS26521 Datasheet HTML 90Page - Maxim Integrated Products DS26521 Datasheet HTML 91Page - Maxim Integrated Products DS26521 Datasheet HTML 92Page - Maxim Integrated Products DS26521 Datasheet HTML 93Page - Maxim Integrated Products DS26521 Datasheet HTML 94Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
90 of 258
9.1.3
LIU and BERT Register List
Table 9-4. LIU Register List
LIU REGISTER LIST
ADDRESS
NAME
DESCRIPTION
1000h
LTRCR
LIU Transmit Receive Control Register
1001h
LTITSR
LIU Transmit Impedance and Pulse Shape Selection Register
1002h
LMCR
LIU Maintenance Control Register
1003h
LRSR
LIU Real Status Register
1004h
LSIMR
LIU Status Interrupt Mask Register
1005h
LLSR
LIU Latched Status Register
1006h
LRSL
LIU Receive Signal Level Register
1007
LRISMR
LIU Receive Impedance and Sensitivity Monitor Register
1008h–101Fh
—
Reserved
Table 9-5. BERT Register List
BERT REGISTER LIST
ADDRESS
NAME
DESCRIPTION
1100h
BAWC
BERT Alternating Word Count Rate Register
1101h
BRP1
BERT Repetitive Pattern Set Register 1
1102h
BRP2
BERT Repetitive Pattern Set Register 2
1103h
BRP3
BERT Repetitive Pattern Set Register 3
1104h
BRP4
BERT Repetitive Pattern Set Register 4
1105h
BC1
BERT Control Register 1
1106h
BC2
BERT Control Register 2
1107h
BBC1
BERT Bit Count Register 1
1108h
BBC2
BERT Bit Count Register 2
1109h
BBC3
BERT Bit Count Register 3
110Ah
BBC4
BERT Bit Count Register 4
110Bh
BEC1
BERT Error Count Register 1
110Ch
BEC2
BERT Error Count Register 2
110Dh
BEC3
BERT Error Count Register 3
110Eh
BLSR
BERT Latched Status Register
110Fh
BSIM
BERT Status Interrupt Mask Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com