Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 76 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 76 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 72Page - Maxim Integrated Products DS26521 Datasheet HTML 73Page - Maxim Integrated Products DS26521 Datasheet HTML 74Page - Maxim Integrated Products DS26521 Datasheet HTML 75Page - Maxim Integrated Products DS26521 Datasheet HTML 76Page - Maxim Integrated Products DS26521 Datasheet HTML 77Page - Maxim Integrated Products DS26521 Datasheet HTML 78Page - Maxim Integrated Products DS26521 Datasheet HTML 79Page - Maxim Integrated Products DS26521 Datasheet HTML 80Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
76 of 258
8.11.4 Jitter Attenuator
The DS26521 contains a jitter attenuator for each LIU that can be set to a depth of 32 or 128 bits via the JADS
(LTRCR.4) bit in the LIU Transmit Receive Control register (LTRCR).
The 128-bit mode is used in applications where large excursions of wander are expected. The 32-bit mode is used
in delay-sensitive applications. The characteristics of the attenuation are shown in Figure 8-21. The jitter attenuator
can be placed in either the receive path, the transmit path, or disabled by appropriately setting the JAPS1 and
JAPS0 bits in LTRCR.
For the jitter attenuator to operate properly, a 2.048MHz, 1.544MHz, or a multiple of up to 8x clock must be applied
at MCLK. See the Global Transceiver Clock Control register (GTCCR) for MCLK options. ITU-T specification G.703
requires an accuracy of ±50ppm for both T1/J1 and E1 applications. TR62411 and ANSI specs require an accuracy
of ±32ppm for T1/J1 interfaces. Circuitry adjusts either the recovered clock from the clock/data recovery block or
the clock applied at the TCLK pin to create a smooth jitter-free clock, which is used to clock data out of the jitter
attenuator FIFO. It is acceptable to provide a gapped/bursty clock at the TCLK pin if the jitter attenuator is placed in
the transmit side. If the incoming jitter exceeds either 120UIP-P (buffer depth is 128 bits) or 28UIP-P (buffer depth is
32 bits), the DS26521 sets the jitter attenuator limit trip set (JALTS) bit in the LIU Latched Status register (LLSR.3).
In T1/J1 mode, the jitter attenuator corner frequency is 3.75Hz and in E1 mode it is 0.6Hz.
The DS26521 jitter attenuator is complaint with the following specifications shown in Table 8-34.
Table 8-34. Jitter Attenuator Standards Compliance
STANDARD
ITU-T I.431, G.703, G.736, G.823
ETS 300 011, TBR 12/12
AT&T TR62411, TR43802
TR-TSY-009, TR-TSY-253, TR-TSY-499
Figure 8-21. Jitter Attenuation
FREQUENCY (Hz)
0dB
-20dB
-40dB
-60dB
1
10
100
1K
10K
100K
TR 62411 (Dec. 90)
Prohibited Area
ITU G.7XX
Prohibited Area
TBR12
Prohibited
Area
T1
E1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com