Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 97 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 97 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 93Page - Maxim Integrated Products DS26521 Datasheet HTML 94Page - Maxim Integrated Products DS26521 Datasheet HTML 95Page - Maxim Integrated Products DS26521 Datasheet HTML 96Page - Maxim Integrated Products DS26521 Datasheet HTML 97Page - Maxim Integrated Products DS26521 Datasheet HTML 98Page - Maxim Integrated Products DS26521 Datasheet HTML 99Page - Maxim Integrated Products DS26521 Datasheet HTML 100Page - Maxim Integrated Products DS26521 Datasheet HTML 101Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
97 of 258
ADDR
NAME
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
135h
TIDR22
C7
C6
C5
C4
C3
C2
C1
C0
136h
TIDR23
C7
C6
C5
C4
C3
C2
C1
C0
137h
TIDR24
C7
C6
C5
C4
C3
C2
C1
C0
—
—
—
—
—
—
—
—
138h
TIDR25
C7
C6
C5
C4
C3
C2
C1
C0
—
—
—
—
—
—
—
—
139h
TIDR26
C7
C6
C5
C4
C3
C2
C1
C0
—
—
—
—
—
—
—
—
13Ah
TIDR27
C7
C6
C5
C4
C3
C2
C1
C0
—
—
—
—
—
—
—
—
13Bh
TIDR28
C7
C6
C5
C4
C3
C2
C1
C0
—
—
—
—
—
—
—
—
13Ch
TIDR29
C7
C6
C5
C4
C3
C2
C1
C0
—
—
—
—
—
—
—
—
13Dh
TIDR30
C7
C6
C5
C4
C3
C2
C1
C0
—
—
—
—
—
—
—
—
13Eh
TIDR31
C7
C6
C5
C4
C3
C2
C1
C0
—
—
—
—
—
—
—
—
13Fh
TIDR32
C7
C6
C5
C4
C3
C2
C1
C0
CH1-A
CH1-B
CH1-C
CH1-D
CH13-A
CH13-B
CH13-C
CH13-D
140h
TS1
0
0
0
0
X
Y
X
X
CH2-A
CH2-B
CH2-C
CH2-D
CH14-A
CH14-B
CH14-C
CH14-D
141h
TS2
CH1-A
CH1-B
CH1-C
CH1-D
CH16-A
CH16-B
CH16-C
CH16-D
CH3-A
CH3-B
CH3-C
CH3-D
CH15-A
CH15-B
CH15-C
CH15-D
142h
TS3
CH2-A
CH2-B
CH2-C
CH2-D
CH17-A
CH17-B
CH17-C
CH17-D
CH4-A
CH4-B
CH4-C
CH4-D
CH16-A
CH16-B
CH16-C
CH16-D
143h
TS4
CH3-A
CH3-B
CH3-C
CH3-D
CH18-A
CH18-B
CH18-C
CH18-D
CH5-A
CH5-B
CH5-C
CH5-D
CH17-A
CH17-B
CH17-C
CH17-D
144h
TS5
CH4-A
CH4-B
CH4-C
CH4-D
CH19-A
CH19-B
CH19-C
CH19-D
CH6-A
CH6-B
CH6-C
CH6-D
CH18-A
CH18-B
CH18-C
CH18-D
145h
TS6
CH5-A
CH5-B
CH5-C
CH5-D
CH20-A
CH20-B
CH20-C
CH20-D
CH7-A
CH7-B
CH7-C
CH7-D
CH19-A
CH19-B
CH19-C
CH19-D
146h
TS7
CH6-A
CH6-B
CH6-C
CH6-D
CH21-A
CH21-B
CH21-C
CH21-D
CH8-A
CH8-B
CH8-C
CH8-D
CH20-A
CH20-B
CH20-C
CH20-D
147h
TS8
CH7-A
CH7-B
CH7-C
CH7-D
CH22-A
CH22-B
CH22-C
CH22-D
CH9-A
CH9-B
CH9-C
CH9-D
CH21-A
CH21-B
CH21-C
CH21-D
148h
TS9
CH8-A
CH8-B
CH8-C
CH8-D
CH23-A
CH23-B
CH23-C
CH23-D
CH10-A
CH10-B
CH10-C
CH10-D
CH22-A
CH22-B
CH22-C
CH22-D
149h
TS10
CH9-A
CH9-B
CH9-C
CH9-D
CH24-A
CH24-B
CH24-C
CH24-D
CH11-A
CH11-B
CH11-C
CH11-D
CH23-A
CH23-B
CH23-C
CH23-D
14Ah
TS11
CH10-A
CH10-B
CH10-C
CH10-D
CH25-A
CH25-B
CH25-C
CH25-D
CH12-A
CH12-B
CH12-C
CH12-D
CH24-A
CH24-B
CH24-C
CH24-D
14Bh
TS12
CH11-A
CH11-B
CH11-C
CH11-D
CH26-A
CH26-B
CH26-C
CH26-D
—
—
—
—
—
—
—
—
14Ch
TS13
CH12-A
CH12-B
CH12-C
CH12-D
CH27-A
CH27-B
CH27-C
CH27-D
—
—
—
—
—
—
—
—
14Dh
TS14
CH13-A
CH13-B
CH13-C
CH13-D
CH28-A
CH28-B
CH28-C
CH28-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com