Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 94 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 94 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 90Page - Maxim Integrated Products DS26521 Datasheet HTML 91Page - Maxim Integrated Products DS26521 Datasheet HTML 92Page - Maxim Integrated Products DS26521 Datasheet HTML 93Page - Maxim Integrated Products DS26521 Datasheet HTML 94Page - Maxim Integrated Products DS26521 Datasheet HTML 95Page - Maxim Integrated Products DS26521 Datasheet HTML 96Page - Maxim Integrated Products DS26521 Datasheet HTML 97Page - Maxim Integrated Products DS26521 Datasheet HTML 98Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
94 of 258
ADDR
NAME
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
056h
E1EBCR1
EB15
EB14
EB13
EB12
EB11
EB10
EB9
EB8
057h
E1EBCR2
EB7
EB6
EB5
EB4
EB3
EB2
EB1
EB0
060h
RDS0M
B1
B2
B3
B4
B5
B6
B7
B8
061h
—
—
—
—
—
—
—
—
—
T1RFDL
RFDL7
RFDL6
RFDL5
RFDL4
RFDL3
RFDL2
RFDL1
RFDL0
062h
E1RRTS7
CSC5
CSC4
CSC3
CSC2
CSC0
CRC4SA
CASSA
FASSA
063h
T1RBOC
—
—
RBOC5
RBOC4
RBOC3
RBOC2
RBOC1
RBOC0
T1RSLC1
C8
C7
C6
C5
C4
C3
C2
C1
064h
E1RAF
Si
0
0
1
1
0
1
1
T1RSLC2
M2
M1
S=0
S=1
S=0
C11
C10
C9
065h
E1RNAF
Si
1
A
Sa4
Sa5
Sa6
Sa7
Sa8
T1RSLC3
S=1
S4
S3
S2
S1
A2
A1
M3
066h
E1RSiAF
SiF14
SiF12
SiF10
SiF8
SiF6
SiF4
SiF2
SiF0
067h
E1RSiNAF
SiF15
SiF13
SiF11
SiF9
SiF7
SiF5
SiF3
SiF1
068h
E1RRA
RRAF15
RRAF13
RRAF11
RRAF9
RRAF7
RRAF5
RRAF3
RRAF1
069h
E1RSa4
RSa4F15
RSa4F13
RSa4F11
RSa4F9
RSa4F7
RSa4F5
RSa4F3
RSa4F1
06Ah
E1RSa5
RSa5F15
RSa5F13
RSa5F11
RSa5F9
RSa5F7
RSa5F5
RSa5F3
RSa5F1
06Bh
E1RSa6
RSa6F15
RSa6F13
RSa6F11
RSa6F9
RSa6F7
RSa6F5
RSa6F3
RSa6F1
06Ch
E1RSa7
RSa7F15
RSa7F13
RSa7F11
RSa7F9
RSa7F7
RSa7F5
RSa7F3
RSa7F1
06Dh
E1RSa8
RSa8F15
RSa8F13
RSa8F11
RSa8F9
RSa8F7
RSa8F5
RSa8F3
RSa8F1
06Eh
1
SaBITS
—
—
—
Sa4
Sa5
Sa6
Sa7
Sa8
06Fh
1
Sa6CODE
—
—
—
—
Sa6n
Sa6n
Sa6n
Sa6n
080h
RMMR
FRM_EN
INIT_DONE
—
—
—
—
SFTRST
T1/E1
RCR1 (T1)
SYNCT
RB8ZS
RFM
ARC
SYNCC
RJC
SYNCE
RESYNC
081h
RCR1 (E1)
—
RHDB3
RSIGM
RG802
RCRC4
FRC
SYNCE
RESYNC
T1RIBCC
—
—
RUP2
RUP1
RUP0
RDN2
RDN1
RDN0
082h
E1RCR2
RSa8S
RSa7S
RSa6S
RSa5S
RSa4S
—
—
RLOSA
083h
RCR3
—
—
RSERC
—
—
—
PLB
FLB
RCLKINV
RSYNCINV
H100EN
RSCLKM
RSMS
RSIO
RSMS2
RSMS1
084h
RIOCR
RCLKINV
RSYNCINV
H100EN
RSCLKM
—
RSIO
RSMS2
RSMS1
085h
RESCR
RDATFMT
RGCLKEN
—
RSZS
RESALGN
RESR
RESMDM
RESE
1SECS
MCUS
MECU
ECUS
EAMS
FSBE
MOSCRF
LCVCRF
086h
ERCNT
1SECS
MCUS
MECU
ECUS
EAMS
—
—
LCVCRF
087h
RHFC
—
—
—
—
—
—
RFHWM1
RFHWM0
088h
RIBOC
—
IBS1
IBS0
IBOSEL
IBOEN
DA2
DA1
DA0
089h
T1RSCC
—
—
—
—
—
RSC2
RSC1
RSC0
—
—
—
—
—
RBPDIR
RBPFUS
RBPEN
08Ah
RXPC
—
—
—
—
—
RBPDIR
—
RBPEN
08Bh
RBPBS
BPBSE8
BPBSE7
BPBSE6
BPBSE5
BPBSE4
BPBSE3
BPBSE2
BPBSE1
090h
RLS1
RRAIC
RAISC
RLOSC
RLOFC
RRAID
RAISD
RLOSD
RLOFD
RLS2 (T1)
RPDV
—
COFA
8ZD
16ZD
SEFE
B8ZS
FBE
091h
RLS2 (E1)
—
CRCRC
CASRC
FASRC
RSA1
RSA0
RCMF
RAF
RLS3 (T1)
LORCC
LSPC
LDNC
LUPC
LORCD
LSPD
LDND
LUPD
092h
RLS3 (E1)
LORCC
—
V52LNKC
RDMAC
LORCD
—
V52LNKD
RDMAD
093h
RLS4
RESF
RESEM
RSLIP
—
RSCOS
1SEC
TIMER
RMF
094h
RLS5
—
—
ROVR
RHOBT
RPE
RPS
RHWMS
RNES
RLS7 (T1)
—
—
RRAI-CI
RAIS-CI
RSLC96
RFDLF
BC
BD
096h
RLS7 (E1)
—
—
—
—
—
—
Sa6CD
SaXCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com