Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 70 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 70 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 66Page - Maxim Integrated Products DS26521 Datasheet HTML 67Page - Maxim Integrated Products DS26521 Datasheet HTML 68Page - Maxim Integrated Products DS26521 Datasheet HTML 69Page - Maxim Integrated Products DS26521 Datasheet HTML 70Page - Maxim Integrated Products DS26521 Datasheet HTML 71Page - Maxim Integrated Products DS26521 Datasheet HTML 72Page - Maxim Integrated Products DS26521 Datasheet HTML 73Page - Maxim Integrated Products DS26521 Datasheet HTML 74Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
70 of 258
8.11.2 Transmitter
NRZ data arrives from the framer transmitter; the data is encoded with HDB3 or B8ZS or AMI. The encoded data
passes through a jitter attenuator if it is enabled for the transmit path. A digital sequencer and DAC are used to
generate transmit waveforms complaint with T1.102 and G.703 pulse templates.
A line driver is used to drive an internal matched impedance circuit for provision of 75
Ω, 100Ω, 110Ω, and 120Ω
terminations. The transmitter couples to the E1 or T1 transmit twisted pair (or coaxial cable in some E1
applications) via a 1:2 step-up transformer. For the device to create the proper waveforms, the transformer used
must meet the specifications listed in Table 8-32. The transmitter requires a transmit clock of 2.048MHz for E1 or
1.544MHz for T1/J1 operation.
The DS26521 drivers have a short-circuit and open-circuit detection driver-fail monitor. The TXENABLE pin can
high impedance the transmitter outputs for protection switching. The individual transmitters can also be placed in
high impedance through register settings. The DS26521 also has functionality for powering down the transmitters
individually. The relevant telecommunications specification compliance is shown in Table 8-31.
Table 8-31. Telecommunications Specification Compliance for DS26521 Transmitters
TRANSMITTER FUNCTION
TELECOMMUNICATIONS COMPLIANCE
T1 Telecom Pulse Template Compliance
ANSI T1.403
T1 Telecom Pulse Template Compliance
ANSI T1.102
Transmit Electrical Characteristics for E1 Transmission
and Return Loss Compliance
ITU-T G.703
Table 8-32. Transformer Specifications
SPECIFICATION
RECOMMENDED VALUE
Turns Ratio 3.3V Applications
1:1 (receive) and 1:2 (transmit) ±2%
Primary Inductance
600
μH minimum
Leakage Inductance
1.0
μH maximum
Intertwining Capacitance
40pF maximum
Primary (Device Side)
1.0
Ω maximum
Transmit Transformer DC
Resistance
Secondary
2.0
Ω maximum
Primary (Device Side)
1.2
Ω maximum
Receive Transformer DC
Resistance
Secondary
1.2
Ω maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com