Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 36 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 36 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 32Page - Maxim Integrated Products DS26521 Datasheet HTML 33Page - Maxim Integrated Products DS26521 Datasheet HTML 34Page - Maxim Integrated Products DS26521 Datasheet HTML 35Page - Maxim Integrated Products DS26521 Datasheet HTML 36Page - Maxim Integrated Products DS26521 Datasheet HTML 37Page - Maxim Integrated Products DS26521 Datasheet HTML 38Page - Maxim Integrated Products DS26521 Datasheet HTML 39Page - Maxim Integrated Products DS26521 Datasheet HTML 40Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
36 of 258
8.8.3
H.100 (CT Bus) Compatibility
The registers used for controlling the H.100 backplane are RIOCR and TIOCR.
The H.100 (or CT bus) is a synchronous, bit-serial, TDM transport bus operating at 8.192MHz. The H.100 standard
also allows compatibility modes to operate at 2.048MHz, 4.096MHz, or 8.192MHz. The control bit H100EN
(RIOCR.5), when combined with RSYNCINV and TSSYNCINV, allows the DS26521 to accept a CT bus-
compatible frame-sync signal (
CT_FRAME) at the RSYNC and TSSYNCIO (input mode) inputs.
The following rules apply to the H100EN control bit.
1) The H100EN bit controls the sampling point for the RSYNC (input mode) and TSSYNCIO (input mode)
only. The RSYNC output and other sync signals are not affected.
2) The H100EN bit would always be used in conjunction with the receive and transmit elastic store buffers.
3) The H100EN bit would typically be used with 8.192MHz IBO mode, but could also be used with 4.096MHz
IBO mode or 2.048MHz backplane operation.
4) The H100EN bit in RIOCR controls both RSYNC and TSSYNCIO (i.e., there is no separate control bit for
the TSSYNCIO).
5) The H100EN bit does not invert the expected signal; RSYNCINV (RIOCR) and TSSYNCINV (TIOCR) must
be set high to invert the inbound sync signals.
Figure 8-12. RSYNC Input in H.100 (CT Bus) Mode
BIT 8
BIT 1
BIT 2
RSYNC
1
RSYNC
2
RSYSCLK
RSER
tBC
3
NOTE 1: RSYNC INPUT MODE IN NORMAL OPERATION.
NOTE 2: RSYNC INPUT MODE, H.100EN = 1 AND RSYNCINV = 1.
NOTE 3: tBC (BIT CELL TIME) = 122ns (typ). tBC = 244ns or 488ns ALSO ACCEPTABLE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com