Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 59 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 59 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 55Page - Maxim Integrated Products DS26521 Datasheet HTML 56Page - Maxim Integrated Products DS26521 Datasheet HTML 57Page - Maxim Integrated Products DS26521 Datasheet HTML 58Page - Maxim Integrated Products DS26521 Datasheet HTML 59Page - Maxim Integrated Products DS26521 Datasheet HTML 60Page - Maxim Integrated Products DS26521 Datasheet HTML 61Page - Maxim Integrated Products DS26521 Datasheet HTML 62Page - Maxim Integrated Products DS26521 Datasheet HTML 63Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
59 of 258
8.9.15 T1 Programmable In-Band Loop Code Generator
The DS26521 can generate and detect a repeating bit pattern from one to eight bits or 16 bits in length. This
function is available only in T1 mode.
Table 8-25. Registers Related to T1 In-Band Loop Code Generator
REGISTER
FRAMER
ADDRESSES
FUNCTION
Transmit Code Definition Register 1
(T1TCD1)
1ACh
Pattern to be sent for loop code.
Transmit Code Definition Register 2
(T1TCD2)
1ADh
Length of the pattern to be sent.
Transmit Control Register 3 (TCR3)
183h
TLOOP bit for control of number of patterns being
sent.
Transmit Control Register 4 (TCR4)
186h
Length of the code being sent.
To transmit a pattern, the user loads the pattern to be sent into the Transmit Code Definition registers (T1TCD1
and T1TCD2) and selects the proper length of the pattern by setting the TC1 and TC0 bits in Transmit Control
Register 4 (TCR4). When generating a 1-, 2-, 4-, 8-, or 16-bit pattern, both T1TCD1 and T1TCD2 must be filled
with the proper code. Generation of a 3-, 5-, 6-, and 7-bit pattern only requires T1TCD1 to be filled. Once this is
accomplished, the pattern is transmitted as long as the TLOOP control bit (TCR3.0) is enabled. Normally (unless
the transmit formatter is programmed to not insert the F-bit position) the framer overwrites the repeating pattern
once every 193 bits to allow the F-bit position to be sent.
As an example, to transmit the standard loop-up code for Channel Service Units (CSUs), which is a repeating
pattern of ...10000100001..., set TCD1 = 80h, TC0 = 0, TC1 = 0, and TCR3.0 = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com