Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 8Page - Maxim Integrated Products DS26521 Datasheet HTML 9Page - Maxim Integrated Products DS26521 Datasheet HTML 10Page - Maxim Integrated Products DS26521 Datasheet HTML 11Page - Maxim Integrated Products DS26521 Datasheet HTML 12Page - Maxim Integrated Products DS26521 Datasheet HTML 13Page - Maxim Integrated Products DS26521 Datasheet HTML 14Page - Maxim Integrated Products DS26521 Datasheet HTML 15Page - Maxim Integrated Products DS26521 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
12 of 258
2.7
HDLC Controllers
One HDLC controller engine for each T1/E1 port
Independent 64-byte Rx and Tx buffers with interrupt support
Access FDL, Sa, or single DS0 channel
Compatible with polled or interrupt driven environments
2.8
Test and Diagnostics
IEEE 1149.1 support
Per-channel programmable on-chip bit error-rate testing (BERT)
Pseudorandom patterns including QRSS
User-defined repetitive patterns
Daly pattern
Error insertion single and continuous
Total-bit and errored-bit counts
Payload error insertion
Error insertion in the payload portion of the T1 frame in the transmit path
Errors can be inserted over the entire frame or selected channels
Insertion options include continuous and absolute number with selectable insertion rates
F-bit corruption for line testing
Loopbacks (remote, local, analog, and per-channel loopback)
2.9
Microcontroller Parallel Port
8-bit parallel control port
Intel or Motorola nonmultiplexed support
Flexible status registers support polled, interrupt, or hybrid program environments
Software reset supported
Hardware reset pin
Software access to device ID and silicon revision
2.10
Slave Serial Peripheral Interface (SPI) Features
Software access to device ID and silicon revision
3-wire synchronous serial data link operating in full duplex slave mode up to 10Mbps
Glueless connection and fully compliant to Motorola popular communication processors such as MPC8260
and microcontrollers such as M68HC11
Software provision ability for active phase of the serial clock (i.e., rising edge vs. falling edge), bit ordering
of the serial data (most significant first versus least significant bit first)
Flexible status registers support polled, interrupt, or hybrid program environments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com