Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 11Page - Maxim Integrated Products DS26521 Datasheet HTML 12Page - Maxim Integrated Products DS26521 Datasheet HTML 13Page - Maxim Integrated Products DS26521 Datasheet HTML 14Page - Maxim Integrated Products DS26521 Datasheet HTML 15Page - Maxim Integrated Products DS26521 Datasheet HTML 16Page - Maxim Integrated Products DS26521 Datasheet HTML 17Page - Maxim Integrated Products DS26521 Datasheet HTML 18Page - Maxim Integrated Products DS26521 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
15 of 258
Table 4-2. E1-Related Telecommunications Specifications
ITU-T G.703 Physical/Electrical Characteristics of G.703 Hierarchical Digital Interfaces
Defines the 2048kbps bit rate—2048 ±50ppm; the transmission media are 75
Ω coax or 120Ω twisted pair; peak-to-
peak space voltage is ±0.237V; nominal pulse width is 244ns.
Return loss 51Hz to 102Hz is 6dB, 102Hz to 3072Hz is 8dB, 2048Hz to 3072Hz is 14dB.
Nominal peak voltage is 2.37V for coax and 3V for twisted pair.
The pulse template for E1 is defined in G.703.
ITU-T G.736 Characteristics of Synchronous Digital Multiplex Equipment Operating at 2048kbps
The peak-to-peak jitter at 2048kbps must be less than 0.05UI at 20Hz to 100Hz.
Jitter transfer between 2.048 synchronization signal and 2.048 transmission signal is provided.
ITU-T G.742 Second-Order Digital Multiplex Equipment Operating at 8448kbps
The DS26521 jitter attenuator is complaint with jitter transfer curve for sinusoidal jitter input.
ITU-T G.772
This specification provides the method for using receiver for transceiver 0 as a monitor for the remaining seven
transmitter/receiver combinations.
ITU-T G.775
An LOS detection criterion is defined.
ITU-T G.823 The control of jitter and wander within digital networks that are based on 2.048kbps hierarchy.
G.823 Provides the jitter amplitude tolerance at different frequencies, specifically 20Hz, 2.4kHz, 18kHz, and
100kHz.
ETS 300 233
This specification provides LOS and AIS signal criteria for E1 mode.
Pub 62411
This specification has tighter jitter tolerance and transfer characteristics than other specifications.
The jitter transfer characteristics are tighter than G.736 and jitter tolerance is tighter than G.823.
(ITU-T) “Synchronous Frame Structures used at 1544, 6312, 2048, 8488, and 44736kbps Hierarchical Levels”
(ITU-T) “Frame Alignment and Cyclic Redundancy Check (CRC) Procedures Relating to Basic Frame Structures
Defined in Recommendation G.704”
(ITU-T) “Characteristics of Primary PCM Multiplex Equipment Operating at 2048kbps”
(ITU-T) Characteristics of a Synchronous Digital Multiplex Equipment Operating at 2048kbps”
(ITU-T) “Loss Of Signal (LOS) and Alarm Indication Signal (AIS) Defect Detection and Clearance Criteria”
(ITU-T) “The Control of Jitter and Wander Within Digital Networks Which are Based on the 2048kbps Hierarchy”
(ITU-T) “Primary Rate User-Network Interface—Layer 1 Specification”
(ITU-T) “Error Performance Measuring Equipment Operating at the Primary Rate and Above”
(ITU-T) “In-Service Code Violation Monitors for Digital Systems”
(ETS) “Integrated Services Digital Network (ISDN); Primary Rate User-Network Interface (UNI); Part 1/Layer 1
Specification”
(ETS) “Transmission and Multiplexing; Physical/Electrical Characteristics of Hierarchical Digital Interfaces for
Equipment Using the 2048kbps-Based Plesiochronous or Synchronous Digital Hierarchies”
(ETS) “Integrated Services Digital Network (ISDN); Access Digital Section for ISDN Primary Rate”
(ETS) “Integrated Services Digital Network (ISDN); Attachment Requirements for Terminal Equipment to Connect
to an ISDN Using ISDN Primary Rate Access”
(ETS) “Business Telecommunications (BT); Open Network Provision (ONP) Technical Requirements; 2048kbps
Digital Unstructured Leased Lines (D2048U) Attachment Requirements for Terminal Equipment Interface”
(ETS) “Business Telecommunications (BTC); 2048kbps Digital Structured Leased Lines (D2048S); Attachment
Requirements for Terminal Equipment Interface”
(ITU-T) “Synchronous Frame Structures Used at 1544, 6312, 2048, 8488, and 44736kbps Hierarchical Levels”
(ITU-T) “Frame Alignment and Cyclic Redundancy Check (CRC) Procedures Relating to Basic Frame Structures
Defined in Recommendation G.704”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com