Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 37 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 37 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 33Page - Maxim Integrated Products DS26521 Datasheet HTML 34Page - Maxim Integrated Products DS26521 Datasheet HTML 35Page - Maxim Integrated Products DS26521 Datasheet HTML 36Page - Maxim Integrated Products DS26521 Datasheet HTML 37Page - Maxim Integrated Products DS26521 Datasheet HTML 38Page - Maxim Integrated Products DS26521 Datasheet HTML 39Page - Maxim Integrated Products DS26521 Datasheet HTML 40Page - Maxim Integrated Products DS26521 Datasheet HTML 41Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
37 of 258
Figure 8-13. TSSYNCIO (Input Mode) Input in H.100 (CT Bus) Mode
8.8.4
Receive and Transmit Channel Blocking Registers
The Receive Channel Blocking registers (RCBR1:RCBR4) and the Transmit Channel Blocking registers
(TCBR1:TCBR4) control the RCHBLK and TCHBLK pins, respectively. The RCHBLK and TCHBLK pins are user-
programmable outputs that can be forced either high or low during individual channels. These outputs can be used
to block clocks to a USART or LAPD controller in ISDN-PRI applications. When the appropriate bits are set to 1,
the RCHBLK and TCHBLK pins are held high during the entire corresponding channel time. When used with a T1
(1.544MHz) backplane, only TCBR1:TCBR2:TCBR3 are used. TCBR4 is included to support an E1 (2.048MHz)
backplane when the elastic store is configured for T1-to-E1 rate conversion. See Section 8.8.1.
8.8.5
Transmit Fractional Support (Gapped Clock Mode)
The DS26521 can be programmed to output gapped clocks for selected channels in the receive and transmit paths
to simplify connections into a USART or LAPD controller in fractional T1/E1 or ISDN-PRI applications. When the
gapped clock feature is enabled, a gated clock is output on the TCHCLK signal. The channel selection is controlled
via the Transmit Gapped-Clock Channel Select registers (TGCCS1:TGCCS4). The transmit path is enabled for
gapped clock mode with the TGCLKEN bit (TESCR.6). Both 56kbps and 64kbps channel formats are supported as
determined by TESCR.7. When 56kbps mode is selected, the clock corresponding to the data/control bit in the
channel is omitted (only the seven most significant bits of the channel have clocks).
8.8.6
Receive Fractional Support (Gapped Clock Mode)
The DS26521 can be programmed to output gapped clocks for selected channels in the receive and transmit paths
to simplify connections into a USART or LAPD controller in fractional T1/E1 or ISDN-PRI applications. When the
gapped clock feature is enabled, a gated clock is output on the RCHCLK signal. The channel selection is controlled
via the Receive Gapped-Clock Channel Select registers (RGCCS1:RGCCS4). The receive path is enabled for
gapped clock mode with the RGCLKEN bit (RESCR.6). Both 56kbps and 64kbps channel formats are supported as
determined by RESCR.7. When 56kbps mode is selected, the clock corresponding to the data/control bit in the
channel is omitted (only the seven most significant bits of the channel have clocks).
BIT 8
BIT 1
BIT 2
TSSYNCIO
1
TSSYNCIO
2
TSYSCLK
TSER
tBC
3
NOTE 1: TSSYNCIO IN NORMAL OPERATION.
NOTE 2: TSSYNCIO WITH H.100EN = 1 and TSSYNCINV = 1.
NOTE 3: tBC (BIT CELL TIME) = 122ns (typ). tBC = 244ns OR 488ns ALSO ACCEPTABLE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com