Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 95 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 95 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 91Page - Maxim Integrated Products DS26521 Datasheet HTML 92Page - Maxim Integrated Products DS26521 Datasheet HTML 93Page - Maxim Integrated Products DS26521 Datasheet HTML 94Page - Maxim Integrated Products DS26521 Datasheet HTML 95Page - Maxim Integrated Products DS26521 Datasheet HTML 96Page - Maxim Integrated Products DS26521 Datasheet HTML 97Page - Maxim Integrated Products DS26521 Datasheet HTML 98Page - Maxim Integrated Products DS26521 Datasheet HTML 99Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
95 of 258
ADDR
NAME
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
097h
—
—
—
—
—
—
—
—
—
098h
RSS1
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
099h
RSS2
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
09Ah
RSS3
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
—
—
—
—
—
—
—
—
09Bh
RSS4
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
C7
C6
C5
C4
C3
C2
C1
C0
09Ch
T1RSCD1
—
—
—
—
—
—
—
—
C7
C6
C5
C4
C3
C2
C1
C0
09Dh
T1RSCD2
—
—
—
—
—
—
—
—
09Fh
RIIR
—
RLS7
RLS6*
RLS5
RLS4
RLS3
RLS2**
RLS1
0A0h
RIM1
RRAIC
RAISC
RLOSC
RLOFC
RRAID
RAISD
RLOSD
RLOFD
—
—
—
—
—
—
—
—
0A1h
RIM2
—
—
—
—
RSA1
RSA0
RCMF
RAF
RIM3 (T1)
LORCC
LSPC
LDNC
LUPC
LORCD
LSPD
LDND
LUPD
0A2h
RIM3
(E1)
LORCC
—
V52LNKC
RDMAC
LORCD
—
V52LNKD
RDMAD
0A3h
RIM4
RESF
RESEM
RSLIP
—
RSCOS
1SEC
TIMER
RMF
0A4h
RIM5
—
—
ROVR
RHOBT
RPE
RPS
RHWMS
RNES
RIM7 (T1)
—
—
RRAI-CI
RAIS-CI
RSLC96
RFDLF
BC
BD
0A6h
RIM7
(E1)
—
—
—
—
Sa6CD
SaXCD
0A8h
RSCSE1
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
0A9h
RSCSE2
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
0AAh
RSCSE3
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
—
—
—
—
—
—
—
—
0Abh
RSCSE4
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
C7
C6
C5
C4
C3
C2
C1
C0
0ACh
T1RUPCD1
—
—
—
—
—
—
—
—
C7
C6
C5
C4
C3
C2
C1
C0
0ADh
T1RUPCD2
—
—
—
—
—
—
—
—
C7
C6
C5
C4
C3
C2
C1
C0
0AEh
T1RDNCD1
—
—
—
—
—
—
—
—
C7
C6
C5
C4
C3
C2
C1
C0
0AFh
T1RDNCD2
—
—
—
—
—
—
—
—
0B0h
RRTS1
—
—
—
—
RRAI
RAIS
RLOS
RLOF
RRTS3 (T1)
—
—
—
—
LORC
LSP
LDN
LUP
0B2h
RRTS3
(E1)
—
—
—
—
LORC
—
V52LNK
RDMA
0B4h
RRTS5
—
PS2
PS1
PS0
—
—
RHWM
RNE
0B5h
RHPBA
MS
RPBA6
RPBA5
RPBA4
RPBA3
RPBA2
RPBA1
RPBA0
0B6h
RHF
RHD7
RHD6
RHD5
RHD4
RHD3
RHD2
RHD1
RHD0
0C0h
RBCS1
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
0C1h
RBCS2
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
0C2h
RBCS3
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
—
—
—
—
—
—
—
—
0C3h
RBCS4
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
0C4h
RCBR1
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
0C5h
RCBR2
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
0C6h
RCBR3
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
—
—
—
—
—
—
—
—
0C7h
RCBR4
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25(F-bit)
0C8h
RSI1
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com