Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 16Page - Maxim Integrated Products DS26521 Datasheet HTML 17Page - Maxim Integrated Products DS26521 Datasheet HTML 18Page - Maxim Integrated Products DS26521 Datasheet HTML 19Page - Maxim Integrated Products DS26521 Datasheet HTML 20Page - Maxim Integrated Products DS26521 Datasheet HTML 21Page - Maxim Integrated Products DS26521 Datasheet HTML 22Page - Maxim Integrated Products DS26521 Datasheet HTML 23Page - Maxim Integrated Products DS26521 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
20 of 258
NAME
PIN
TYPE
FUNCTION
TSYNC
61
I/O
Transmit Synchronization.
A pulse at this pin establishes either frame or
multiframe boundaries for the transmit side. This signal can also be programmed to
output either a frame or multiframe pulse. If this pin is set to output pulses at frame
boundaries, it can also be set to output double-wide pulses at signaling frames in
T1 mode. The operation of this signals is synchronous with TCLK.
TSSYNCIO
60
I/O
Transmit System Synchronization In.
Only used when the transmit-side elastic
store is enabled. A pulse at this pin establishes either frame or multiframe
boundaries for the transmit side. Note that if the elastic store is enabled, frame or
multiframe boundary will be established for the transmitter. Should be tied low in
applications that do not use the transmit-side elastic store. The operation of this
signal is synchronous with TSYSCLK.
Transmit System Synchronization Out.
If configured as an output, an 8kHz
pulse synchronous to the BPCLK will be generated. This pulse in combination with
BPCLK can be used as an IBO master. The BPCLK can be sourced to RSYSCLK,
TSYSCLK, and TSSYNCIO as a source to RSYNC, and TSSYNCIO of DS26521
or RSYNC and TSSYNC of other Dallas Semiconductor parts.
TSIG
59
I
Transmit Signaling.
When enabled, this input samples signaling bits for insertion
into outgoing PCM data stream. Sampled on the falling edge of TCLK when the
transmit-side elastic store is disabled. Sampled on the falling edge of TSYSCLK
when the transmit-side elastic store is enabled.
TCHBLK/
CLK
58
O
Transmit Channel Block/Transmit Channel Block Clock.
A dual function pin.
TCHBLK is a user-programmable output that can be forced high or low. It is
synchronous with TCLK when the transmit-side elastic store is disabled. It is
synchronous with TSYSCLK when the transmit-side elastic store is enabled. It is
useful for blocking clocks to a serial UART or LAPD controller in applications
where not all channels are used such as Fractional T1, Fractional E1, 384kbps
(H0), 768kbps, or ISDN-PRI. Also useful for locating individual channels in drop-
and-insert applications, for external per-channel loopback, and for per-channel
conditioning.
TCHCLK.
TCHCLK is a 192kHz (T1) or 256kHz (E1) clock that pulses high during
the LSB of the channel. It can also be programmed to output a gated transmit bit
clock controlled by TCHBLK. It is synchronous with TCLK when the transmit-side
elastic store is disabled. It is synchronous with TSYSCLK when the transmit-side
elastic store is enabled. Useful for parallel-to-serial conversion of channel data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com