Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 52 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 52 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 48Page - Maxim Integrated Products DS26521 Datasheet HTML 49Page - Maxim Integrated Products DS26521 Datasheet HTML 50Page - Maxim Integrated Products DS26521 Datasheet HTML 51Page - Maxim Integrated Products DS26521 Datasheet HTML 52Page - Maxim Integrated Products DS26521 Datasheet HTML 53Page - Maxim Integrated Products DS26521 Datasheet HTML 54Page - Maxim Integrated Products DS26521 Datasheet HTML 55Page - Maxim Integrated Products DS26521 Datasheet HTML 56Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
52 of 258
Table 8-18 shows some of the registers related to maintenance and alarms.
Table 8-18. Registers Related to Maintenance and Alarms
REGISTER
FRAMER
ADDRESSES
FUNCTION
Receive Real-Time Status Register 1 (RRTS1)
0B0h
Real-time receive status 1.
Receive Interrupt Mask Register 1(RIM1)
0A0h
Real-time interrupt mask 1.
Receive Latched Status Register 2 (RLS2)
091h
Real-time latched status 2.
Receive Real-Time Status Register 3 (RRTS3)
0B2h
Real-time receive status 3.
Receive Latched Status Register 3 (RLS3)
092h
Real-time latched status 3.
Receive Interrupt Mask Register 3 (RIM3)
0A2h
Real-time interrupt mask 3.
Receive Interrupt Mask Register 4 (RIM4)
0A3h
Real-time interrupt mask 4.
Receive Latched Status Register 7 (RLS7)
096h
Real-time latched status 7.
Receive Interrupt Mask Register 7 (RIM7)
0A6h
Real-time interrupt mask 7.
Transmit Latched Status Register 1 (TLS1)
190h
Loss of transmit clock status, TPDV, etc.
Transmit Latched Status Register 3
(Synchronizer) (TLS3)
192h
Loss of frame status.
Receive DS0 Monitor Register (RDS0M)
060h
Receive DS0 monitor.
Error-Counter Configuration Register (ERCNT)
086h
Configuration of the error counters.
Line Code Violation Count Register 1
(LCVCR1)
050h
Line code violation counter 1.
Line Code Violation Count Register 2
(LCVCR2)
051h
Line code violation counter 2.
Path Code Violation Count Register 1
(PCVCR1)
052h
Receive path code violation counter 1.
Path Code Violation Count Register 2
(PCVCR2)
053h
Receive path code violation counter 2.
Frames Out of Sync Count Register 1
(FOSCR1)
054h
Receive frame out of sync counter 1
Frames Out of Sync Count Register 2
(FOSCR2)
055h
Receive frame out of sync counter 2
E-Bit Count Register 1 (E1EBCR1)
056h
E-bit count register 1.
E-Bit Count Register 2 (E1EBCR2)
057h
E-bit count register 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com