Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 85 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 85 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 81Page - Maxim Integrated Products DS26521 Datasheet HTML 82Page - Maxim Integrated Products DS26521 Datasheet HTML 83Page - Maxim Integrated Products DS26521 Datasheet HTML 84Page - Maxim Integrated Products DS26521 Datasheet HTML 85Page - Maxim Integrated Products DS26521 Datasheet HTML 86Page - Maxim Integrated Products DS26521 Datasheet HTML 87Page - Maxim Integrated Products DS26521 Datasheet HTML 88Page - Maxim Integrated Products DS26521 Datasheet HTML 89Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
85 of 258
FRAMER REGISTER LIST
ADDRESS
NAME
DESCRIPTION
R/W
085h
RESCR
Receive Elastic Store Control Register
R/W
086h
ERCNT
Error-Counter Configuration Register
R/W
087h
RHFC
Receive HDLC FIFO Control Register
R/W
088h
RIBOC
Receive Interleave Bus Operation Control Register
R/W
089h
T1RSCC
In-Band Receive Spare Control Register (T1 Mode Only)
R/W
08Ah
RXPC
Receive Expansion Port Control Register
R/W
08B
RBPBS
Receive BERT Port Bit Suppress Register
R/W
08Ch–08Fh
—
Reserved
—
090h
RLS1
Receive Latched Status Register 1
R/W
091h
RLS2
Receive Latched Status Register 2
R/W
092h
RLS3
Receive Latched Status Register 3
R/W
093
RLS4
Receive Latched Status Register 4
R/W
094h
RLS5
Receive Latched Status Register 5 (HDLC)
R/W
095h
—
Reserved
—
RLS7
Receive Latched Status Register 7 (T1 Mode)
096h
RLS7
Receive Latched Status Register 7 (E1 Mode)
R/W
097h
—
Reserved
—
098h
RSS1
Receive-Signaling Status Register 1
R/W
099h
RSS2
Receive-Signaling Status Register 2
R/W
09Ah
RSS3
Receive-Signaling Status Register 3
R/W
09Bh
RSS4
Receive-Signaling Status Register 4 (E1 Mode Only)
R/W
09Ch
T1RSCD1
Receive Spare Code Definition Register 1 (T1 Mode Only)
R/W
09Dh
T1RSCD2
Receive Spare Code Definition Register 2 (T1 Mode Only)
R/W
09Eh
—
Reserved
—
09Fh
RIIR
Receive Interrupt Information Register
R/W
0A0h
RIM1
Receive Interrupt Mask Register 1
R/W
0A1h
RIM2
Receive Interrupt Mask Register 2 (E1 Mode Only)
R/W
RIM3
Receive Interrupt Mask Register 3 (T1 Mode)
0A2h
RIM3
Receive Interrupt Mask Register 3 (E1 Mode)
R/W
0A3h
RIM4
Receive Interrupt Mask Register 4
R/W
0A4h
RIM5
Receive Interrupt Mask Register 5 (HDLC)
R/W
0A5h
—
Reserved
—
0A6h
RIM7
Receive Interrupt Mask Register 7 (T1 Mode)
R/W
0A7h
—
Reserved
—
0A8h
RSCSE1
Receive-Signaling Change of State Enable Register 1
R/W
0A9h
RSCSE2
Receive-Signaling Change of State Enable Register 2
R/W
0AAh
RSCSE3
Receive-Signaling Change of State Enable Register 3
R/W
0ABh
RSCSE4
Receive-Signaling Change of State Enable Register 4 (E1 Mode Only)
—
0ACh
T1RUPCD1
Receive Up Code Definition Register 1 (T1 Mode Only)
R/W
0ADh
T1RUPCD2
Receive Up Code Definition Register 2 (T1 Mode Only)
R/W
0AEh
T1RDNCD1
Receive Down Code Definition Register 1 (T1 Mode Only)
R/W
0AFh
T1RDNCD2
Receive Down Code Definition Register 2 (T1 Mode Only)
R/W
0B0h
RRTS1
Receive Real-Time Status Register 1
R
0B1h
—
Reserved
—
RRTS3
Receive Real-Time Status Register 3 (T1 Mode)
0B2h
RRTS3
Receive Real-Time Status Register 3 (E1 Mode)
R
0B3h
—
Reserved
—
0B4h
RRTS5
Receive Real-Time Status Register 5 (HDLC)
R
0B5h
RHPBA
Receive HDLC Packet Bytes Available Register
R
0B6h
RHF
Receive HDLC FIFO Register
R
0B7h–0BFh
—
Reserved
—
0C0h
RBCS1
Receive Blank Channel Select Register 1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com