Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 103 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 103 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 99Page - Maxim Integrated Products DS26521 Datasheet HTML 100Page - Maxim Integrated Products DS26521 Datasheet HTML 101Page - Maxim Integrated Products DS26521 Datasheet HTML 102Page - Maxim Integrated Products DS26521 Datasheet HTML 103Page - Maxim Integrated Products DS26521 Datasheet HTML 104Page - Maxim Integrated Products DS26521 Datasheet HTML 105Page - Maxim Integrated Products DS26521 Datasheet HTML 106Page - Maxim Integrated Products DS26521 Datasheet HTML 107Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
103 of 258
Register Name:
GFCR
Description:
Global Framer Control Register
Register Address:
0F1h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
BPCLK1
BPCLK0
RFLOSSFS
RFMSS
TCBCS
RCBCS
Default
0
0
0
0
0
0
0
0
Bits 5 and 4: Backplane Clock Select 1 and 0 (BPCLK[1:0]). These bits determine the clock frequency output on
the BPCLK pin.
BPCLK1
BPCLK0
BPCLK FREQUENCY
0
0
2.048MHz
0
1
4.096MHz
1
0
8.192MHz
1
1
16.384MHz
Bit 3: Receive Loss of Signal/Signaling Freeze Select (RLOSSFS). This bit controls the function of the
AL/RSIGF/FLOS pin. The receive LOS is further selected between framer LOS and LIU LOS by GTCR2.2.
0 = AL/RSIGF/FLOS pin outputs RLOS (receive loss)
1 = AL/RSIGF/FLOS pin outputs RSIGF (receive-signaling freeze)
Bit 2: Receive Frame/Multiframe Sync Select (RFMSS). This bit controls the function of the RMSYNC/RFSYNC
pin.
0 = RMSYNC/RFSYNC pin outputs RFSYNC (receive frame sync)
1 = RMSYNC/RFSYNC pin outputs RMSYNC (receive multiframe sync)
Bit 1: Transmit Channel Block/Clock Select (TCBCS). This bit controls the function of the TCHBLK/CLK pin.
0 = TCHBLK/CLK pin outputs TCHBLK (transmit channel block)
1 = TCHBLK/CLK pin outputs TCHCLK (transmit channel clock)
Bit 0: Receive Channel Block/Clock Select (RCBCS). This bit controls the function of the RCHBLK/CLK pin.
0 = RCHBLK/CLK pin outputs RCHBLK (receive channel block)
1 = RCHBLK/CLK pin outputs RCHCLK (receive channel clock)
Register Name:
GTCR2
Register Description:
Global Transceiver Control Register 2
Register Address:
0F2h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
LOSS
TSSYNCIOSEL
—
Default
0
0
0
0
0
0
0
0
Bit 2: LOS Selection (LOSS). If this bit is set, the AL/RSIGF/FLOS pin can be driven with LIU loss. If reset, the
pins can be driven by framer LOS. The selection of whether to drive AL/RSIGF/FLOS pin with LOS (analog or
digital) or signalling freeze is controlled by GFCR.2.
Bit 1: Transmit System Synchronization I/O Select (TSSYNCIOSEL). If this bit is set to a 1, the TSSYNCIO is
an 8kHz output synchronous to the BPCLK. This “frame pulse” can be used in conjunction with the backplane clock
to provide IBO signals for a system backplane. If this bit is reset, TSSYNCIO is an input. An 8kHz frame pulse is
required for transmit synchronization and IBO operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com