Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 106 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 106 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 102Page - Maxim Integrated Products DS26521 Datasheet HTML 103Page - Maxim Integrated Products DS26521 Datasheet HTML 104Page - Maxim Integrated Products DS26521 Datasheet HTML 105Page - Maxim Integrated Products DS26521 Datasheet HTML 106Page - Maxim Integrated Products DS26521 Datasheet HTML 107Page - Maxim Integrated Products DS26521 Datasheet HTML 108Page - Maxim Integrated Products DS26521 Datasheet HTML 109Page - Maxim Integrated Products DS26521 Datasheet HTML 110Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
106 of 258
Register Name:
IDR
Register Description:
Device Identification Register
Register Address:
0F8h
Bit #
7
6
5
4
3
2
1
0
Name
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
Default
0
1
1
1
0
0
0
0
Bits 7 to 3: Device ID (ID[7:3]). The upper five bits of the IDR are used to display the DS26521 ID.
Table 9-13. Device ID Codes in this Product Family
DEVICE
ID7
ID6
ID5
ID4
ID3
DS26528
0
1
0
1
1
DS26524
0
1
1
0
0
DS26522
0
1
1
0
1
DS26521
0
1
1
1
0
Bits 2 to 0: Silicon Revision Bits (ID[2:0]). The lower three bits of the IDR are used to display a sequential
number denoting the die revision of the chip. The initial silicon revision = “000,” and is incremented with each
silicon revision. This value is not the same as the two-character device revision on the top brand of the device. This
is due to the fact that portions of the device assembly other than the silicon may change, causing the device
revision increment on the brand without having a revision of the silicon. ID0 is the LSB of a decimal code that
represents the chip revision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com