Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 104 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 104 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 100Page - Maxim Integrated Products DS26521 Datasheet HTML 101Page - Maxim Integrated Products DS26521 Datasheet HTML 102Page - Maxim Integrated Products DS26521 Datasheet HTML 103Page - Maxim Integrated Products DS26521 Datasheet HTML 104Page - Maxim Integrated Products DS26521 Datasheet HTML 105Page - Maxim Integrated Products DS26521 Datasheet HTML 106Page - Maxim Integrated Products DS26521 Datasheet HTML 107Page - Maxim Integrated Products DS26521 Datasheet HTML 108Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
104 of 258
Register Name:
GTCCR
Register Description:
Global Transceiver Clock Control Register
Register Address:
0F3h
Read/Write Function
R/W
Bit #
7
6
5
4
3
2
1
0
Name
BPREFSEL3
BPREFSEL2
BPREFSEL1
BPREFSEL0
BFREQSEL
FREQSEL
MPS1
MPS0
Default
0
0
0
0
0
0
0
0
Bits 7 to 4: Backplane Clock Reference Selects (BPREFSEL[3:0]).These bits select which reference clock
source will be used for BPCLK generation. The BPCLK can be generated from the LIU recovered clock, an external
reference, or derivatives of MCLK input. This is shown in Table 9-11. See Figure 8-9 for additional information.
Bit 3: Backplane Frequency Select (BFREQSEL). In conjunction with BPRFSEL[3:0], this bit identifies the
reference clock frequency used by the DS26521 backplane clock generation circuit. Note that the setting of this bit
should match the T1E1 selection for the LIU whose recovered clock is being used to generate the backplane clock.
See Figure 8-9 for additional information.
0 = Backplane reference clock is 2.048MHz.
1 = Backplane reference clock is 1.544MHz.
Bit 2: Frequency Selection (FREQSEL). In conjunction with the MPS[1:0] bits, this bit selects the external MCLK
frequency of the signal input at the MCLK pin of the DS26521.
0 = The external master clock is 2.048MHz or multiple thereof.
1 = The external master clock is 1.544MHz or multiple thereof.
Bits 1 and 0: Master Period Select 1 and 0 (MPS[1:0]). In conjunction with the FREQSEL bit, these bits select
the external MCLK frequency of the signal input at the MCLK pin of the DS26521. This is shown in Table 9-12.
Table 9-11. Backplane Reference Clock Select
BPREFSEL3
BPREFSEL2
BPREFSEL1
BPREFSEL0
BFREQSEL
REFERENCE CLOCK
SOURCE
0
0
0
0
0
2.048MHz RCLK
0
0
0
0
1
1.544MHz RCLK
1
0
0
0
1
1.544MHz derived from MCLK. (REFCLKIO is an
output.)
1
0
0
1
0
2.048MHz derived from MCLK. (REFCLKIO is an
output.)
1
0
1
0
0
2.048MHz external clock input at REFCLKIO.
(REFCLKIO is an input.)
1
0
1
0
1
1.544MHz external clock input at REFCLKIO.
(REFCLKIO is an input.)
Table 9-12. Master Clock Input Selection
FREQSEL
MPS1
MPS0
MCLK
(MHz ±50ppm)
0
0
0
2.048
0
0
1
4.096
0
1
0
8.192
0
1
1
16.384
1
0
0
1.544
1
0
1
3.088
1
1
0
6.176
1
1
1
12.352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com