Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 109 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 109 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 105Page - Maxim Integrated Products DS26521 Datasheet HTML 106Page - Maxim Integrated Products DS26521 Datasheet HTML 107Page - Maxim Integrated Products DS26521 Datasheet HTML 108Page - Maxim Integrated Products DS26521 Datasheet HTML 109Page - Maxim Integrated Products DS26521 Datasheet HTML 110Page - Maxim Integrated Products DS26521 Datasheet HTML 111Page - Maxim Integrated Products DS26521 Datasheet HTML 112Page - Maxim Integrated Products DS26521 Datasheet HTML 113Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
109 of 258
9.4
Framer Register Definitions
See Table 9-3 for the complete framer register list.
9.4.1
Receive Register Definitions
Register Name:
RHC
Register Description:
Receive HDLC Control Register
Register Address:
010h
Bit #
7
6
5
4
3
2
1
0
Name
RCRCD
RHR
RHMS
RHCS4
RHCS3
RHCS2
RHCS1
RHCS0
Default
0
0
0
0
0
0
0
0
Bit 7: Receive CRC-16 Display (RCRCD).
0 = Do not write received CRC-16 code to FIFO (default)
1 = Write received CRC-16 code to FIFO after last octet of packet
Bit 6: Receive HDLC Reset (RHR). Will reset the receive HDLC controller and flush the receive FIFO. Note that
this bit is a acknowledged reset. The host should set this bit and the DS26521 will clear it once the reset operation
is complete. The DS26521 will complete the HDLC reset within two frames.
0 = Normal operation
1 = Reset receive HDLC controller and flush the receive FIFO
Bit 5: Receive HDLC Mapping Select (RHMS).
0 = Receive HDLC assigned to channels
1 = Receive HDLC assigned to FDL (T1 mode), Sa bits (E1 mode)
Bit 4 to 0: Receive HDLC Channel Select 4 to 0 (RHCS[4:0]). These bits determine which DS0 is mapped to the
HDLC controller when enabled with RHMS = 0. RHCS[4:0] = all 0s selects channel 1, RHCS[4:0] = all 1s selects
channel 32 (E1). A change to the receive HDLC channel select is acknowledged only after a receive HDLC reset
(RHR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com