Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 111 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 111 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 107Page - Maxim Integrated Products DS26521 Datasheet HTML 108Page - Maxim Integrated Products DS26521 Datasheet HTML 109Page - Maxim Integrated Products DS26521 Datasheet HTML 110Page - Maxim Integrated Products DS26521 Datasheet HTML 111Page - Maxim Integrated Products DS26521 Datasheet HTML 112Page - Maxim Integrated Products DS26521 Datasheet HTML 113Page - Maxim Integrated Products DS26521 Datasheet HTML 114Page - Maxim Integrated Products DS26521 Datasheet HTML 115Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
111 of 258
Register Name:
RDS0SEL
Register Description:
Receive Channel Monitor Select Register
Register Address:
012h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
RCM4
RCM3
RCM2
RCM1
RCM0
Default
0
0
0
0
0
0
0
0
Bits 4 to 0: Receive Channel Monitor Bits (RCM[4:0]). RCM0 is the LSB of a 5-bit channel select that
determines which receive DS0 channel data will appear in the RDS0M register.
Register Name:
RSIGC
Register Description:
Receive-Signaling Control Register
Register Address:
013h
Bit #
7
6
5
4
3
2
1
0
—
—
—
RFSA1
—
RSFF
RSFE
RSIE
Name
—
—
—
CASMS
—
RSFF
RSFE
RSIE
Default
0
0
0
0
0
0
0
0
Bit 4 (T1 Mode): Receive Force Signaling All Ones (RFSA1).
0 = do not force robbed bit signaling to all ones
1 = force signaling bits to all ones on a per-channel basis according to the T1RSAOI1:T1RSAOI3 registers.
Bit 4 (E1 Mode): CAS Mode Select (CASMS).
0 = The DS26521 will initiate a resync when two consecutive multiframe alignment signals have been
received with an error.
1 = The DS26521 will initiate a resync when two consecutive multiframe alignment signals have been
received with an error, or 1 multiframe has been received with all the bits in time slot 16 in state 0.
Alignment criteria is met when at least one bit in state 1 is present in the time slot 16 preceding the
multiframe alignment signal first detected (G.732 alternate criteria).
Bit 2: Receive-Signaling Force Freeze (RSFF). Freezes receive-side signaling at RSIG (and RSER if receive-
signaling reinsertion is enabled); will override receive freeze enable (RFE).
0 = do not force a freeze event
1 = force a freeze event
Bit 1: Receive-Signaling Freeze Enable (RSFE).
0 = no freezing of receive-signaling data will occur
1 = allow freezing of receive-signaling data at RSIG (and RSER if receive-signaling reinsertion is enabled)
Bit 0: Receive-Signaling Integration Enable (RSIE).
0 = signaling changes of state reported on any change in selected channels
1 = signaling must be stable for three multiframes in order for a change of state to be reported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com