Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 114 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 114 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 110Page - Maxim Integrated Products DS26521 Datasheet HTML 111Page - Maxim Integrated Products DS26521 Datasheet HTML 112Page - Maxim Integrated Products DS26521 Datasheet HTML 113Page - Maxim Integrated Products DS26521 Datasheet HTML 114Page - Maxim Integrated Products DS26521 Datasheet HTML 115Page - Maxim Integrated Products DS26521 Datasheet HTML 116Page - Maxim Integrated Products DS26521 Datasheet HTML 117Page - Maxim Integrated Products DS26521 Datasheet HTML 118Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
114 of 258
Register Name:
T1RBOCC (T1 Mode Only)
Register Description:
Receive BOC Control Register
Register Address:
015h
Bit #
7
6
5
4
3
2
1
0
Name
RBR
—
RBD1
RBD0
—
RBF1
RBF0
—
Default
0
0
0
0
0
0
0
0
Bit 7: Receive BOC Reset (RBR). The host should set this bit to force a reset of the BOC circuitry. Note that this is
an acknowledged reset, that is, the host need only set the bit and the DS26521 will clear it once the reset operation
is complete (less than 250
μs). Modifications to the RBF[1:0] and RBD[1:0] bits will not be applied to the BOC
controller until a BOC reset has been completed.
Bits 5 and 4: Receive BOC Disintegration Bits (RBD[1:0]). The BOC disintegration filter sets the number of
message bits that must be received without a valid BOC to set the BC bit indicating that a valid BOC is no longer
being received.
RBD1
RBD0
CONSECUTIVE MESSAGE BITS
FOR BOC CLEAR IDENTIFICATION
0
0
16
0
1
32
1
0
48
1
1
64 (See Note 1)
Bits 2 and 1: Receive BOC Filter Bits (RBF[1:0). The BOC filter sets the number of consecutive patterns that
must be received without error prior to an indication of a valid message.
RBF1
RBF0
CONSECUTIVE BOC CODES FOR
VALID SEQUENCE IDENTIFICATION
0
0
None
0
1
3
1
0
5
1
1
7 (See Note 1)
Note 1: The DS26521’s BOC controller does not integrate and disintegrate concurrently. Therefore, if the maximum integration
time and the maximum disintegration time are used together, BOC messages that repeat fewer than 11 times may not be
detected.
Register Name:
RIDR1 to RIDR32
Register Description:
Receive Idle Code Definition Registers 1 to 32
Register Address:
020h to 03Fh
Bit #
7
6
5
4
3
2
1
0
Name
C7
C6
C5
C4
C3
C2
C1
C0
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Per-Channel Idle Code Bits (C[7:0]). C0 is the LSB of the code (this bit is transmitted last). Address
020h is for channel 1. Address 037h is for channel 24. Address 03Fh is for channel 32. RIDR1:RIDR24 are T1
mode only. RIDR25:RIDR32 are E1 mode only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com