Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 116 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 116 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 112Page - Maxim Integrated Products DS26521 Datasheet HTML 113Page - Maxim Integrated Products DS26521 Datasheet HTML 114Page - Maxim Integrated Products DS26521 Datasheet HTML 115Page - Maxim Integrated Products DS26521 Datasheet HTML 116Page - Maxim Integrated Products DS26521 Datasheet HTML 117Page - Maxim Integrated Products DS26521 Datasheet HTML 118Page - Maxim Integrated Products DS26521 Datasheet HTML 119Page - Maxim Integrated Products DS26521 Datasheet HTML 120Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
116 of 258
Register Name:
RS1 to RS16
Register Description:
Receive-Signaling Registers 1 to 16
Register Address:
040h to 04Fh
T1 Mode:
(MSB)
(LSB)
CH1-A
CH1-B
CH1-C
CH1-D
CH13-A
CH13-B
CH13-C
CH13-D
RS1
CH2-A
CH2-B
CH2-C
CH2-D
CH14-A
CH14-B
CH14-C
CH14-D
RS2
CH3-A
CH3-B
CH3-C
CH3-D
CH15-A
CH15-B
CH15-C
CH15-D
RS3
CH4-A
CH4-B
CH4-C
CH4-D
CH16-A
CH16-B
CH16-C
CH16-D
RS4
CH5-A
CH5-B
CH5-C
CH5-D
CH17-A
CH17-B
CH17-C
CH17-D
RS5
CH6-A
CH6-B
CH6-C
CH6-D
CH18-A
CH18-B
CH18-C
CH18-D
RS6
CH7-A
CH7-B
CH7-C
CH7-D
CH19-A
CH19-B
CH19-C
CH19-D
RS7
CH8-A
CH8-B
CH8-C
CH8-D
CH20-A
CH20-B
CH20-C
CH20-D
RS8
CH9-A
CH9-B
CH9-C
CH9-D
CH21-A
CH21-B
CH21-C
CH21-D
RS9
CH10-A
CH10-B
CH10-C
CH10-D
CH22-A
CH22-B
CH22-C
CH22-D
RS10
CH11-A
CH11-B
CH11-C
CH11-D
CH23-A
CH23-B
CH23-C
CH23-D
RS11
CH12-A
CH12-B
CH12-C
CH12-D
CH24-A
CH24-B
CH24-C
CH24-D
RS12
E1 Mode:
(MSB)
(LSB)
0
0
0
0
X
Y
X
X
RS1
CH1-A
CH1-B
CH1-C
CH1-D
CH16-A
CH16-B
CH16-C
CH16-D
RS2
CH2-A
CH2-B
CH2-C
CH2-D
CH17-A
CH17-B
CH17-C
CH17-D
RS3
CH3-A
CH3-B
CH3-C
CH3-D
CH18-A
CH18-B
CH18-C
CH18-D
RS4
CH4-A
CH4-B
CH4-C
CH4-D
CH19-A
CH19-B
CH19-C
CH19-D
RS5
CH5-A
CH5-B
CH5-C
CH5-D
CH20-A
CH20-B
CH20-C
CH20-D
RS6
CH6-A
CH6-B
CH6-C
CH6-D
CH21-A
CH21-B
CH21-C
CH21-D
RS7
CH7-A
CH7-B
CH7-C
CH7-D
CH22-A
CH22-B
CH22-C
CH22-D
RS8
CH8-A
CH8-B
CH8-C
CH8-D
CH23-A
CH23-B
CH23-C
CH23-D
RS9
CH9-A
CH9-B
CH9-C
CH9-D
CH24-A
CH24-B
CH24-C
CH24-D
RS10
CH10-A
CH10-B
CH10-C
CH10-D
CH25-A
CH25-B
CH25-C
CH25-D
RS11
CH11-A
CH11-B
CH11-C
CH11-D
CH26-A
CH26-B
CH26-C
CH26-D
RS12
CH12-A
CH12-B
CH12-C
CH12-D
CH27-A
CH27-B
CH27-C
CH27-D
RS13
CH13-A
CH13-B
CH13-C
CH13-D
CH28-A
CH28-B
CH28-C
CH28-D
RS14
CH14-A
CH14-B
CH14-C
CH14-D
CH29-A
CH29-B
CH29-C
CH29-D
RS15
CH15-A
CH15-B
CH15-C
CH15-D
CH30-A
CH30-B
CH30-C
CH30-D
RS16
In the ESF framing mode, there can be up to four signaling bits per channel (A, B, C, and D). In the D4 framing
mode, there are only two signaling bits per channel (A and B). In the D4 framing mode, the framer will repeat the A
and B signaling data in the C and D bit locations. Therefore, when the framer is operated in D4 framing mode, the
user will need to retrieve the signaling bits every 1.5ms as opposed to 3ms for ESF mode. The receive-signaling
registers are frozen and not updated during a loss of sync condition. They will contain the most recent signaling
information before the “OOF” occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com