Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 115 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 115 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 111Page - Maxim Integrated Products DS26521 Datasheet HTML 112Page - Maxim Integrated Products DS26521 Datasheet HTML 113Page - Maxim Integrated Products DS26521 Datasheet HTML 114Page - Maxim Integrated Products DS26521 Datasheet HTML 115Page - Maxim Integrated Products DS26521 Datasheet HTML 116Page - Maxim Integrated Products DS26521 Datasheet HTML 117Page - Maxim Integrated Products DS26521 Datasheet HTML 118Page - Maxim Integrated Products DS26521 Datasheet HTML 119Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
115 of 258
Register Name:
T1RSAOI1, T1RSAOI2, T1RSAOI3 (T1 Mode Only)
Register Description:
Receive-Signaling All-Ones Insertion Registers 1 to 3
Register Address:
038h, 039h, 03Ah
Bit #
(MSB) 7
6
5
4
3
2
1
0 (LSB)
Name
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
T1RSAOI1
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
T1RSAOI2
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
T1RSAOI3
Default
0
0
0
0
0
0
0
0
Setting any of the CH[1:24] bits in the T1RSAOI1:T1RSAOI3 registers will cause signaling data to be replaced with
logic ones as reported on RSER. The RSIG signal will continue to report received signaling data. Note that this
feature must be enabled with control bit RSIGC.4.
Register Name:
T1RDMWE1, T1RDMWE2, T1RDMWE3 (T1 Mode Only)
Register Description:
T1 Receive Digital Milliwatt Enable Registers 1 to 3
Register Address:
03Ch, 03Dh, 03Eh
Bit #
(MSB) 7
6
5
4
3
2
1
0 (LSB)
Name
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
T1RDMWE1
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
T1RDMWE2
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
T1RDMWE3
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Receive Digital Milliwatt Enable for Channels 1 to 24 (CH[1:24]).
0 =do not affect the receive data associated with this channel
1 = replace the receive data associated with this channel with digital milliwatt code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com