Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 112 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 112 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 108Page - Maxim Integrated Products DS26521 Datasheet HTML 109Page - Maxim Integrated Products DS26521 Datasheet HTML 110Page - Maxim Integrated Products DS26521 Datasheet HTML 111Page - Maxim Integrated Products DS26521 Datasheet HTML 112Page - Maxim Integrated Products DS26521 Datasheet HTML 113Page - Maxim Integrated Products DS26521 Datasheet HTML 114Page - Maxim Integrated Products DS26521 Datasheet HTML 115Page - Maxim Integrated Products DS26521 Datasheet HTML 116Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
112 of 258
Register Name:
T1RCR2 (T1 Mode)
Register Description:
Receive Control Register 2
Register Address:
014h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
RSLC96
OOF2
OOF1
RAIIE
RD4RM
Default
0
0
0
0
0
0
0
0
Bit 4: Receive SLC-96 Synchronizer Enable (RSLC96). See Section 8.9.4.5 for SLC-96 details.
0 = SLC-96 synchronizer is disabled
1 = SLC-96 synchronizer is enabled
Bits 3 and 2: Out of Frame Select Bits (OOF[2:1]).
OOF2
OOF1
OUT OF FRAME CRITERIA
0
0
2/4 frame bits in error
0
1
2/5 frame bits in error
1
0
2/6 frame bits in error
1
1
2/6 frame bits in error
Bit 1: Receive RAI Integration Enable (RAIIE). The ESF RAI indication can be interrupted for a period not to
exceed 100ms per interruption (T1.403). In ESF mode, setting RAIIE will cause the RAI status from the DS26521
to be integrated for 200ms.
0 =
RAI detects when 16 consecutive patterns of 00FF appear in the FDL.
RAI clears when 14 or fewer patterns of 00FF hex out of 16 possible appear in the FDL.
1 =
RAI detects when the condition has been present for greater than 200ms.
RAI clears when the condition has been absent for greater than 200ms.
Bit 0: Receive-Side D4 Remote Alarm Select (RD4RM).
0 = zeros in bit 2 of all channels
1 = a one in the S-bit position of frame 12 (J1 Yellow Alarm Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com