Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 113 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 113 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 109Page - Maxim Integrated Products DS26521 Datasheet HTML 110Page - Maxim Integrated Products DS26521 Datasheet HTML 111Page - Maxim Integrated Products DS26521 Datasheet HTML 112Page - Maxim Integrated Products DS26521 Datasheet HTML 113Page - Maxim Integrated Products DS26521 Datasheet HTML 114Page - Maxim Integrated Products DS26521 Datasheet HTML 115Page - Maxim Integrated Products DS26521 Datasheet HTML 116Page - Maxim Integrated Products DS26521 Datasheet HTML 117Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
113 of 258
Register Name:
E1RSAIMR (E1 Mode Only)
Register Description:
Receive Sa-Bit Interrupt Mask Register
Register Address:
014h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
RSa4IM
RSa5IM
RSa6IM
RSa7IM
RSa8IM
Default
0
0
0
0
0
0
0
0
Bit 4: Sa4 Change Detect Interrupt Mask (RSa4IM). This bit will enable the change detect interrupt for the Sa4
bits. Any change of state of the Sa4 bit will then generate an interrupt in RLS7.0 to indicate the change of state.
0 = Interrupt masked.
1 = Interrupt enabled.
Bit 3: Sa5 Change Detect Interrupt Mask (RSa5IM). This bit will enable the change detect interrupt for the Sa5
bits. Any change of state of the Sa5 bit will then generate an interrupt in RLS7.0 to indicate the change of state.
0 = Interrupt masked.
1 = Interrupt enabled.
Bit 2: Sa6 Change Detect Interrupt Mask (RSa6IM). This bit will enable the change detect interrupt for the Sa6
bits. Any change of state of the Sa6 bit will then generate an interrupt in RLS7.0 to indicate the change of state.
0 = Interrupt masked.
1 = Interrupt enabled.
Bit 1: Sa7 Change Detect Interrupt Mask (RSa7IM). This bit will enable the change detect interrupt for the Sa7
bits. Any change of state of the Sa7 bit will then generate an interrupt in RLS7.0 to indicate the change of state.
0 = Interrupt masked.
1 = Interrupt enabled.
Bit 0: Sa8 Change Detect Interrupt Mask (RSa8IM). This bit will enable the change detect interrupt for the Sa8
bits. Any change of state of the Sa8 bit will then generate an interrupt in RLS7.0 to indicate the change of state.
0 = Interrupt masked.
1 = Interrupt enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com