Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 118 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 118 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 114Page - Maxim Integrated Products DS26521 Datasheet HTML 115Page - Maxim Integrated Products DS26521 Datasheet HTML 116Page - Maxim Integrated Products DS26521 Datasheet HTML 117Page - Maxim Integrated Products DS26521 Datasheet HTML 118Page - Maxim Integrated Products DS26521 Datasheet HTML 119Page - Maxim Integrated Products DS26521 Datasheet HTML 120Page - Maxim Integrated Products DS26521 Datasheet HTML 121Page - Maxim Integrated Products DS26521 Datasheet HTML 122Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
118 of 258
Register Name:
FOSCR1
Register Description:
Frames Out of Sync Count Register 1
Register Address:
054h
Bit #
7
6
5
4
3
2
1
0
Name
FOS15
FOS14
FOS13
FOS12
FOS11
FOS10
FOS9
FOS8
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Frames Out of Sync Counter Bits 15 to 8 (FOS[15:8]). FOS15 is the MSB of the 16-bit frames out of
sync count.
Register Name:
FOSCR2
Register Description:
Frames Out of Sync Count Register 2
Register Address:
055h
Bit #
7
6
5
4
3
2
1
0
Name
FOS7
FOS6
FOS5
FOS4
FOS3
FOS2
FOS1
FOS0
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Frames Out of Sync Counter Bits 7 to 0 (FOS[7:0]). FOS0 is the LSB of the 16-bit frames out of
sync count.
Register Name:
E1EBCR1 (E1 Mode Only)
Register Description:
E-Bit Count Register 1
Register Address:
056h
Bit #
7
6
5
4
3
2
1
0
Name
EB15
EB14
EB13
EB12
EB11
EB10
EB9
EB8
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: E-Bit Counter Bits 15 to 8 (EB[15:8]). EB15 is the MSB of the 16-bit E-bit count.
Register Name:
E1EBCR2 (E1 Mode Only)
Register Description:
E-Bit Count Register 2
Register Address:
057h
Bit #
7
6
5
4
3
2
1
0
Name
EB7
EB6
EB5
EB4
EB3
EB2
EB1
EB0
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: E-Bit Counter Bits 7 to 0 (EB[7:0]). EB0 is the LSB of the 16-bit E-bit count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com