Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 121 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 121 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 117Page - Maxim Integrated Products DS26521 Datasheet HTML 118Page - Maxim Integrated Products DS26521 Datasheet HTML 119Page - Maxim Integrated Products DS26521 Datasheet HTML 120Page - Maxim Integrated Products DS26521 Datasheet HTML 121Page - Maxim Integrated Products DS26521 Datasheet HTML 122Page - Maxim Integrated Products DS26521 Datasheet HTML 123Page - Maxim Integrated Products DS26521 Datasheet HTML 124Page - Maxim Integrated Products DS26521 Datasheet HTML 125Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
121 of 258
Register Name:
T1RBOC (T1 Mode)
Register Description:
Receive BOC Register
Register Address:
063h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
RBOC5
RBOC4
RBOC3
RBOC2
RBOC1
RBOC0
Default
0
0
0
0
0
0
0
0
Bit 5: BOC Bit 5 (RBOC5).
Bit 4: BOC Bit 4 (RBOC4).
Bit 3: BOC Bit 3 (RBOC3).
Bit 2: BOC Bit 2 (RBOC2).
Bit 1: BOC Bit 1 (RBOC1).
Bit 0: BOC Bit 0 (RBOC0).
The T1RBOC register always contains the last valid BOC received. The Receive FDL register (T1RFDL) reports
the incoming Facility Data Link (FDL) or the incoming Fs bits. The LSB is received first. In D4 framing mode, RFDL
updates on multiframe boundaries and reports the six Fs bits in RFDL[0:5].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com