Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 124 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 124 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 120Page - Maxim Integrated Products DS26521 Datasheet HTML 121Page - Maxim Integrated Products DS26521 Datasheet HTML 122Page - Maxim Integrated Products DS26521 Datasheet HTML 123Page - Maxim Integrated Products DS26521 Datasheet HTML 124Page - Maxim Integrated Products DS26521 Datasheet HTML 125Page - Maxim Integrated Products DS26521 Datasheet HTML 126Page - Maxim Integrated Products DS26521 Datasheet HTML 127Page - Maxim Integrated Products DS26521 Datasheet HTML 128Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
124 of 258
Register Name:
E1RSiNAF (E1 Mode Only)
Register Description:
Receive Si Bits of the Non-Align Frame Register
Register Address:
067h
Bit #
7
6
5
4
3
2
1
0
Name
SiF15
SiF13
SiF11
SiF9
SiF7
SiF5
SiF3
SiF1
Default
0
0
0
0
0
0
0
0
Bit 7: Si Bit of Frame 15 (SiF15).
Bit 6: Si Bit of Frame 13 (SiF13).
Bit 5: Si Bit of Frame 11 (SiF11).
Bit 4: Si Bit of Frame 9 (SiF9).
Bit 3: Si Bit of Frame 7 (SiF7).
Bit 2: Si Bit of Frame 5 (SiF5).
Bit 1: Si Bit of Frame 3 (SiF3).
Bit 0: Si Bit of Frame 1 (SiF1).
Register Name:
E1RRA (E1 Mode Only)
Register Description:
Receive Remote Alarm Register
Register Address:
068h
Bit #
7
6
5
4
3
2
1
0
Name
RRAF15
RRAF13
RRAF11
RRAF9
RRAF7
RRAF5
RRAF3
RRAF1
Default
0
0
0
0
0
0
0
0
Bit 7: Remote Alarm Bit of Frame 15 (RRAF15).
Bit 6: Remote Alarm Bit of Frame 13 (RRAF13).
Bit 5: Remote Alarm Bit of Frame 11 (RRAF11).
Bit 4: Remote Alarm Bit of Frame 9 (RRAF9).
Bit 3: Remote Alarm Bit of Frame 7 (RRAF7).
Bit 2: Remote Alarm Bit of Frame 5 (RRAF5).
Bit 1: Remote Alarm Bit of Frame 3 (RRAF3).
Bit 0: Remote Alarm Bit of Frame 1 (RRAF1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com