Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 128 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 128 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 124Page - Maxim Integrated Products DS26521 Datasheet HTML 125Page - Maxim Integrated Products DS26521 Datasheet HTML 126Page - Maxim Integrated Products DS26521 Datasheet HTML 127Page - Maxim Integrated Products DS26521 Datasheet HTML 128Page - Maxim Integrated Products DS26521 Datasheet HTML 129Page - Maxim Integrated Products DS26521 Datasheet HTML 130Page - Maxim Integrated Products DS26521 Datasheet HTML 131Page - Maxim Integrated Products DS26521 Datasheet HTML 132Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
128 of 258
Register Name:
Sa6CODE
Register Description:
Received Sa6 Codeword Register
Register Address:
06Fh
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
Sa6n
Sa6n
Sa6n
Sa6n
Default
0
0
0
0
0
0
0
0
This register reports the received Sa6 codeword per ETS 300 233. The bits are monitored on a submultiframe
asynchronous basis, so the pattern reported could be one of multiple patterns that would represent a valid
codeword. The table below indicates which patterns reported in this register correspond to a given valid Sa6
codeword.
Bits 3 to 0: Sa6 Codeword Bit (Sa6n).
VALID Sa6 CODE
POSSIBLE REPORTED
PATTERNS
Sa6_8
1000, 0100, 0010, 0001
Sa6_A
1010, 0101
Sa6_C
110, 0110, 0011, 1001
Sa6_E
1110, 0111, 1011, 1101
Sa6_F
1111
Register Name:
RMMR
Register Description:
Receive Master Mode Register
Register Address:
080h
Bit #
7
6
5
4
3
2
1
0
Name
FRM_EN
INIT_DONE
—
—
—
—
SFTRST
T1/E1
Default
0
0
0
0
0
0
0
0
Bit 7: Framer Enable (FRM_EN). This bit must be set to the desired state before writing INIT_DONE.
0 = Framer disabled—held in low-power state
1 = Framer enabled—all features active
Bit 6: Initialization Done (INIT_DONE). The user must set this bit once he has written the configuration registers.
The host is required to write or clear all device registers prior to setting this bit. Once INIT_DONE is set, the
DS26521 will check the FRM_EN bit and, if enabled, will begin operation based on the initial configuration.
Bit 1: Soft Reset (SFTRST). Level sensitive soft reset. Should be taken high then low to reset the receiver.
0 = Normal operation
1 = Reset the receiver
Bit 0: Receiver T1/E1 Mode Select (T1/E1). Sets operating mode for receiver only! This bit must be set to the
desired state before writing INIT_DONE.
0 = T1 operation
1 = E1 operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com