Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 129 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 129 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 125Page - Maxim Integrated Products DS26521 Datasheet HTML 126Page - Maxim Integrated Products DS26521 Datasheet HTML 127Page - Maxim Integrated Products DS26521 Datasheet HTML 128Page - Maxim Integrated Products DS26521 Datasheet HTML 129Page - Maxim Integrated Products DS26521 Datasheet HTML 130Page - Maxim Integrated Products DS26521 Datasheet HTML 131Page - Maxim Integrated Products DS26521 Datasheet HTML 132Page - Maxim Integrated Products DS26521 Datasheet HTML 133Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
129 of 258
Register Name:
RCR1 (T1 Mode)
Register Description:
Receive Control Register 1
Register Address:
081h
Bit #
7
6
5
4
3
2
1
0
Name
SYNCT
RB8ZS
RFM
ARC
SYNCC
RJC
SYNCE
RESYNC
Default
0
0
0
0
0
0
0
0
Note: This register has an alternate definition for E1 mode. See RCR1.
Bit 7: Sync Time (SYNCT).
0 = qualify 10 bits
1 = qualify 24 bits
Bit 6: Receive B8ZS Enable (RB8ZS).
0 = B8ZS disabled
1 = B8ZS enabled
Bit 5: Receive Frame Mode Select (RFM).
0 = ESF framing mode
1 = D4 framing mode
Bit 4: Auto Resync Criteria (ARC).
0 = resync on OOF or LOS event
1 = resync on OOF only
Bit 3: Sync Criteria (SYNCC).
In D4 Framing Mode:
0 = search for Ft pattern, then search for Fs pattern
1 = cross couple Ft and Fs pattern
In ESF Framing Mode:
0 = search for FPS pattern only
1 = search for FPS and verify with CRC6
Bit 2: Receive Japanese CRC-6 Enable (RJC).
0 = use ANSI:AT&T:ITU-T CRC-6 calculation (normal operation)
1 = use Japanese standard JT-G704 CRC-6 calculation
Bit 1: Sync Enable (SYNCE).
0 = auto resync enabled
1 = auto resync disabled
Bit 0: Resynchronize (RESYNC). When toggled from low to high, a resynchronization of the receive-side framer is
initiated. Must be cleared and set again for a subsequent resync.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com