Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 133 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 133 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 129Page - Maxim Integrated Products DS26521 Datasheet HTML 130Page - Maxim Integrated Products DS26521 Datasheet HTML 131Page - Maxim Integrated Products DS26521 Datasheet HTML 132Page - Maxim Integrated Products DS26521 Datasheet HTML 133Page - Maxim Integrated Products DS26521 Datasheet HTML 134Page - Maxim Integrated Products DS26521 Datasheet HTML 135Page - Maxim Integrated Products DS26521 Datasheet HTML 136Page - Maxim Integrated Products DS26521 Datasheet HTML 137Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
133 of 258
Register Name:
RCR3
Register Description:
Receive Control Register 3
Register Address:
083h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
RSERC
—
—
—
PLB
FLB
Default
0
0
0
0
0
0
0
0
Bit 5: RSER Control (RSERC).
0 = allow RSER to output data as received under all conditions (normal operation)
1 = force RSER to one under loss of frame alignment conditions
Bit 1: Payload Loopback (PLB).
0 = loopback disabled
1 = loopback enabled
When PLB is enabled, the following will occur:
1) Data will be transmitted from the TTIP and TRING pins synchronous with RCLK instead of TCLK.
2) All the receive-side signals will continue to operate normally.
3) The TCHCLK and TCHBLK signals are forced low.
4) Data at the TSER, TDATA, and TSIG pins is ignored.
5) The TLCLK signal will become synchronous with RCLK instead of TCLK.
In a PLB situation, the DS26521 loops the 192 bits (248 for E1) of payload data (with BPVs corrected) from the
receive section back to the transmit section. The transmitter follows the frame alignment provided by the receiver.
The receive frame boundary is automatically fed into the transmit section, such that the transmit frame position is
locked to the receiver (i.e., TSYNC is sourced from RSYNC). The FPS framing pattern, CRC-6 calculation, and the
FDL bits (FAS word, Si, Sa, E bits, and CRC-4 for E1) are not looped back. Rather, they are reinserted by the
DS26521 (i.e., the transmit section will modify the payload as if it was input at TSER).
Bit 0: Framer Loopback (FLB).
0 = loopback disabled
1 = loopback enabled
This loopback is useful in testing and debugging applications. In FLB, the DS26521 loops data from the transmit
side back to the receive side. When FLB is enabled, the following will occur:
1) (T1 mode) An unframed all-ones code will be transmitted at TTIP and TRING.
(E1 mode) Normal data will be transmitted at TTIP and TRING.
2) Data at RTIP and RRING will be ignored.
3) All receive-side signals will take on timing synchronous with TCLK instead of RCLK.
4) Note that it is not acceptable to have RCLK tied to TCLK during this loopback because this will cause an
unstable condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com